Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics STW4510 Datasheet HTML 20Page - STMicroelectronics STW4510 Datasheet HTML 21Page - STMicroelectronics STW4510 Datasheet HTML 22Page - STMicroelectronics STW4510 Datasheet HTML 23Page - STMicroelectronics STW4510 Datasheet HTML 24Page - STMicroelectronics STW4510 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
21/57
Register summary
Note:
Register 1Fh must be sent on the I2C before the register 1Eh
(MSB address must be sent first).
Application control register 1
Address:
10h
Type:
R/W
Reset:
0000_0000
Description:
Register
Add.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
00h
Reserved
Reserved
01h
Reserved
Reserved
02h
Reserved
STw4510
version ID
03h
0
100
000
1
Application
Control
Register 1
10h
Reserved
pdn_ vana2
Reserved
Application
Control
Register 2
11h
pdn_ vana1
Reserved
monitoring_V
sdc2 Vsdc1
0
pdn_ vana3
sel_vmmc<1:0>
pdn_ vmmc
Register
15
14
13
12
11
10
9
8
76543210
Power control
Reserved
reg address 2
bits
reg address 3 bits
data din/dout 4 bits
EN
Address
1Fh
1Eh
76
543210
Reserved
pdn_Vana2
Reserved
R/W
[7:2] Reserved
[1] pdn_vana2
0: Vana2 in power down mode (default)
1: Vana2 in high power mode
[0] Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com