Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 36Page - STMicroelectronics STW4510 Datasheet HTML 37Page - STMicroelectronics STW4510 Datasheet HTML 38Page - STMicroelectronics STW4510 Datasheet HTML 39Page - STMicroelectronics STW4510 Datasheet HTML 40Page - STMicroelectronics STW4510 Datasheet HTML 41Page - STMicroelectronics STW4510 Datasheet HTML 42Page - STMicroelectronics STW4510 Datasheet HTML 43Page - STMicroelectronics STW4510 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
40/57
4.2.5
LDO regulators
Vana1 and Vana3 low drop regulators have the same characteristics, the parameters given
in
Table 20 are applicable to both regulators, in Table 20, Vana(i) stands for Vana3 with the
new design to reach 3.3V maximum voltage output.
Vana1
Table 20.
LDO regulators - Vana 1
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Vana(i) regulator in high power mode (pdn_vana1 = 1, SLEEP = ‘0’)
VBAT
Input power supply
Vana1 =
1.5 V/1.8 V/ 2.5 V
2.7
3.6
5.5
V
Vana1 = 2.8 V
3
3.6
5.5
VOUT
Output voltage
Vana1_sel[1:0]pads
00
01
10
11
-3 %
1.5
1.8
2.5
2.8
+3 %
V
IOUT
Output current
150
mA
ISHORT
(1)
Short-circuit limitation
230
340
550
mA
IQ
(2)
Quiescent current
IOUT = 0 mA
30
µA
ILKG
Power-down current
1
µA
PSRR(1)
Power supply rejection
Vana1 = 2.8 V
IOUT = 150 mA
Vpp = 0.3 V,
F: [0; 20] kHz
50
dB
Vana1 = 2.8 V
IOUT = 10 mA
Vpp = 0.3 V,
F: [0; 10] kHz
F: [10; 100] kHz
50
45
dB
TR
Rising time
(10 % to 90 %)
Vana1 = 2.8 V
IOUT = 10 mA
1.5
ms
Lir
Line regulation
VBAT: [2.7; 5.5] V
5
mV
Ldr
Load regulation
IOUT= [0.1; 150] mA
10
mV
Lirt
Transient line regulation
Vana1 = 2.8 V
IOUT = 150 mA
VBAT= [3.0; 3.3] V
tR = tF = 10 µs
2mV
Ldrt
Transient load regulation
Vana1 = 2.8 V
IOUT= [1; 150] mA
tR = tF = 1 µs
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com