Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 4Page - STMicroelectronics STW4510 Datasheet HTML 5Page - STMicroelectronics STW4510 Datasheet HTML 6Page - STMicroelectronics STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball information
STw4510
8/57
2.3
Ball functions
STw4510 includes the following ball types
●
VDDD/VDDA: Digital/analog power supply
●
VSSD/VSSA: Digital/analog ground supply
●
DO/DI/DIO: Digital Output / Digital Input / Digital Input-Output
●
DOz: Digital Output with high impedance capability
●
AO/AI/AIO: Analog Output / Analog Input / Analog Input-Output
●
G: To be connected to ground
●
O: To be left open
2.3.1
Signal description for the TFBGA84 6 mm x 6 mm package
Table 3.
STw4510 ball description for the 6 mm x 6 mm package
Ball
Ball name
Ball type
Description
General supply balls
D1
Vbat_osc
VDDD
Battery supply for digital/oscillator
C3
Gnd_osc
VSSD
Internal ground oscillator
C6
Vbat_ana
VDDA
Analog part battery supply
B5
Gnd_ana
VSSA
Analog ground
A9
Vref_18
AO
Internal reference
G10
VddIO
VDDD
IO digital supply
G8, J9
Gnd_IO
VSSD
IO ground
Digital control balls
C8
Pon
DI (Nmos)
Pull Down 1.5M
Ω
Power-on and reset
K4
Sw_resetn
DI Vddio voltage
Pull up 1.5M
Ω
Software reset, reset all application, when
Sw_resetn = 0
J2
VddOK
DO Vddio voltage
Supply monitoring for processor. Interruption
for high temperature warning
J3
Res_pro
DO Vddio voltage
Reset for processor
H6
Pwren
DI Vddio voltage
Pull up 1.5M
Ω
Sleep mode from main processor
J6
SCL
DI Vddio voltage
I2C clock interface
H7
SDA
DIO Vddio voltage I2C data interface
A1
Clk32k_in
DI Vddio voltage
Pull Down 1.5M
Ω
32 kHz clock input
Step down DC/DC converters & voltage regulators
A4, B4
Vbat_Vsdc2
VDDA
Vsdc2 Step Down DC/DC input power supply
converter
A2, B3
Gnd_Vsdc2
VSSA
Vsdc2 Step Down DC/DC ground converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com