Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 28Page - STMicroelectronics STW4510 Datasheet HTML 29Page - STMicroelectronics STW4510 Datasheet HTML 30Page - STMicroelectronics STW4510 Datasheet HTML 31Page - STMicroelectronics STW4510 Datasheet HTML 32Page - STMicroelectronics STW4510 Datasheet HTML 33Page - STMicroelectronics STW4510 Datasheet HTML 34Page - STMicroelectronics STW4510 Datasheet HTML 35Page - STMicroelectronics STW4510 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
32/57
3.3.5
Vana2
This LDO is dedicated, for example, to supply an analog part of a peripheral associated to a
processor.
Main features
●
Programmable output voltage: Vana2_sel[1:0] pads 1.8 V, 2.8 V, 3.0 V, 3.3 V (to be
fixed in the application by routing to Vbat or ground). On the 4 mm x 4 mm package the
selection of output voltage values is limited to Sel[0] and the available voltage values
are 3.0 V and 3.3 V”
●
Three power domains:
–
High power mode, 150 mA full load
–
Sleep mode with a low current capability of 0.5 mA full load (
Table 21)
–
Power down mode when regulator is switched off and there is no power
consumption (pdn-vana2 bit of application control register (
Application control
register 1) or en_vana2 bit of power control register - (Power control register @
08h), it is recommended to use only the pdn_vana2 control bit.
●
Default setting defined by start-up device configuration
●
Specification guaranteed with battery voltages from 2.7 V up to 5.5 V (with a minimum
battery voltage of 3.0 V for a LDO output of 2.8 V)
Note:
The definition of sleep mode is given in Section 3.2.3.
3.3.6
Vana3
This LDO is dedicated, for example, to supply a critical stage like a PLL of a processor or an
analog part of a peripheral associated to a processor
Main features
●
Programmable output voltage: Vana3_sel[1:0] pads - 1.8 V, 2.8 V, 3.0 V, 3.3 V (to be
fixed in the application by routing to Vbat or ground). ground. On the 4 mm x 4 mm
package the selection of output voltage values has been limited to Sel[0] and the
available voltage values are 3.0 V and 3.3 V.
●
Three power domains:
–
High power mode, 150 mA full load
–
Sleep mode with a low current capability of 0.5 mA full load (
Table 21)
–
Power down mode when regulator is switched off and there is no power
consumption (pdn-vana3 bit of application control register (
Application control
register 1) or en_vana3 bit of power control register - Power control register @
07h), it is recommended to use only the pdn_vana3 control bit.
●
Default setting defined by start-up configuration
●
Specification guaranteed with battery voltages from 2.7 V up to 5.5 V (with a minimum
battery voltage of 3.5V for a LDO output of 3.3 V with the full characteristics available)
Note:
The definition of sleep mode is given in Section 3.2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com