Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 46Page - STMicroelectronics STW4510 Datasheet HTML 47Page - STMicroelectronics STW4510 Datasheet HTML 48Page - STMicroelectronics STW4510 Datasheet HTML 49Page - STMicroelectronics STW4510 Datasheet HTML 50Page - STMicroelectronics STW4510 Datasheet HTML 51Page - STMicroelectronics STW4510 Datasheet HTML 52Page - STMicroelectronics STW4510 Datasheet HTML 53Page - STMicroelectronics STW4510 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Application information
STw4510
50/57
6
Application information
6.1
Components list
Table 30.
Components list
Name
Value
Comments
Function
C1
10µF
In the complete system application, the
sum of the capacitors connected on each
STw4510 ball must never be less than
30% of the value indicated in the typical
value column of this table. This includes
all capacitor parameters:
– production dispersion
– DC bias voltage applied
– temperature range of the complete
system application
– aging
Vbat_Vsdc1 decoupling
C6
Vbat_Vsdc2 decoupling
C9
Vbat_ana decoupling
C2
22µF
Vsdc1 output filter
C7
Vsdc2 output filter
C4
1 µF
Vbat_osc output filter
C5
VddIO output filter
C11
Vbat_dig output filter
C13
Vbat_Vana1_Vana3 output filter
C16
Vbat_Vana2 output filter
C18
Vbat_Vmmc output filter
C10
2.2µF
Vref output filter
C12
Vdig output filter
C14
Vana3 output filter
C15
Vana1output filter
C17
Vana2 output filter
C19
Vmmc output filter
L1
4.7µH
see:
Table 31
Coil Vsdc2 DC/DC
L2
Coil Vsdc1 DC/DC
Table 31.
List of 4.7 µH coils
Supplier
Part number
DCR (
Ω)Irms(1) (A)
L x l x h (mm x mm x mm)
TDK
VLF3010AT-4R7MR70
0.28
0.7
2.8 * 2.6 * 1.0
VLF3012AT-4R7MR74
0.16
0.74
2.8 * 2.6 * 1.2
VLF4012AT-4R7M1R1
0.14
1.1
3.7 * 3.5 * 1.2
MLP2520S4R7L
0.11
1.1
2.5 * 2 * 0.85
MURATA
LQH2MC-2 series
0.46
0.5
2.0 * 1.6 * 0.9
LQM31P_N4R7M00
0.3
0.7
3.2 * 1.6 * 0.85
LQM2HP_GO series
0.11
1.1
2.5 * 2 * 0.9
1.
Irms: 30% decrease of initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com