Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 6Page - STMicroelectronics STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball information
STw4510
10/57
2.3.2
Signal description for the TFBGA49 4 mm x 4 mm package
Interface balls
K3, G3,
K2, K9
H4, G2,
H5 H1,
K1, H3,
J1, H2,
F3, G1,
F2, E1,
E2, E3,
F1
Not connected ball
to be left not connected
Other balls
C1, D2,
B9, D3
Reserved
G
To be connected to ground
B1, B2,
B8, C2,
E10,
H10,
J10, K10
Reserved
O
To be left opened
Table 3.
STw4510 ball description for the 6 mm x 6 mm package (continued)
Ball
Ball name
Ball type
Description
Table 4.
STw4510 ball description for the 4 mm x 4 mm package
Ball
Ball name
Ball type
Description
General supply balls
E1
Vbat_Dig
VDDD
Battery supply for digital/oscillator
D1
Gnd_Dig
VSSD
Internal ground oscillator
B5
Vbat_ana
VDDA
Analog part battery supply
A4
Gnd_ana
VSSA
Analog ground
D4
Vref-18
AO
Internal reference
G6
VddIo
VDDD
IO digital supply
F7, G7
Vminus
VSSD
IO ground
Digital control balls
C5
Pon
DI (Nmos)
Pull Down 1.5M
Ω
Power-on and reset
F2
Sw_Resetn
DI (VddIO voltage)
pull up 1.5M
Ω
Software reset, reset all application, when
Sw-resetn =0
E3
VddOK
DO (VddIO
voltage)
Supply monitoring for processor. Interruption
for high temperature warning
F1
Res_pro
DO (VddIO
voltage)
Reset for processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com