Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
15/57
Figure 2.
State machine: Start-up timing
Vsdc2, Vdig are started with internal pdn_regulators signals.
I2C is available after internal ‘pdn_ls’ signal is set to “1”.
Processor reset done on the Res_pro signal is synchronous of the 32 kHz clock.
During power-up, Pwren is masked. Nevertheless, Vsdc1 power supply that is controlled by
Pwren, is in OFF state during the starting phase and this up to internal signal “pdn_ls =1”
and then, the control of the Vsdc1 is done via the external Pwren signal.
The soft start feature limits the peak current sink in the Vbat supply when a supply is set to
ON state.
0
Pon
VBat
Internal_osc
OTP
initialization
Osc-start
300us
Start_biais
(9.5ms max.)
Battery voltage avalaible
Pdn_regulator
(int. signal)
Start_PM
(1ms max.)
VddOK
Clock32K_in
OFF2
(0.4ms)
RESET 1.13ms
Processor reset done => active state
Res_pro
PWREN = 1 => Full power supply available
PWREN = 0 => OFF or SLEEP Mode available
I2C of PMIC available
PWREN
12.33ms max.
Vdig @ 1.2V
Vsdc1 @ 1.2V
controlled by pwren
Vsdc2 @ 1.8V
Vana[i] & Vmmc controlled by I2C
Voutputs
STw4510
1ms max.
PWREN internally masked
1ms max.
Internal signal
pdn_ls
PM00126
Pon is needed to start every SMPS and LDO ON
Processor in reset mode
PWREN controlled by processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com