Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics STW4510 Datasheet HTML 18Page - STMicroelectronics STW4510 Datasheet HTML 19Page - STMicroelectronics STW4510 Datasheet HTML 20Page - STMicroelectronics STW4510 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
17/57
Figure 4.
VddOK block diagram
3.2.3
Sleep mode
STw4510 sleep mode is only active with the presence of the 32kHz clock on pin Clk32_in
and STw4510 power supplies Vsdc2, Vana1, Vana2, Vana3 go into sleep. The voltage is still
present on the power supply output with current capability reduced. Sleep mode is activated
each time the Pwren signal is at low level (logical 0).
To exit sleep mode state it is mandatory to have the Pwren signal at high level (logical 1).
In this present version, sleep mode is available each time Pwren = 0.
When Pwren = 0, some application may require that Vsdc2 and/or Vana(I) remain in high
power mode. STw4510 may be able to comply with this requirement. For more information
please contact the STMicroelectronics sales office.
3.2.4
Vsdc1_OFF mode
Vsdc1_OFF mode is only referenced to the Pwren signal. When Pwren signal is high
(logical level 1) the Vsdc1 DC/DC regulator is in high power mode and the application
processor can be supplied. In the case of Pwren is low level (logical 0) Vsdc1 is switched off
and the consumption is reduced to the leakage current.
3.2.5
Power supplies at start-up
After Pon, and considering the state machine, different regulators (Vana(i), Vdig) can be
switched ON or OFF at start-up with the default output voltage configured by the selection
pin available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com