Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 7Page - STMicroelectronics STW4510 Datasheet HTML 8Page - STMicroelectronics STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Ball information
11/57
F3
Pwren
DI (VddIO voltage)
pull up 1.5M
Ω
Sleep mode from main processor
G3
SCL
DI (VddIO voltage) I2C clock interface
F4
SDA
DI (VddIO voltage) I2C data interface
C3
Clk32k_In
DI (VddIO voltage)
pull up 1.5M
Ω
32KHz clock input
Step down DC/DC conversers & voltage regulators
A3, B3
Vbat_vscd2
VDDA
Vsdc2 step down DC/DC input power supply
converter
A1, B1
Gnd_Vsdc2
VSSA
Vsdc2 step down DC/DC ground converter
A2, B2
Vlx_Vsd2
AIO (Vbat)
Vsdc2 step down DC/DC output converter
B4
Vsdc2
AO (Vbat)
Vsdc2 step down DC/DC feedback converter
E6, E7
Vbat_vscd1
VDDA
Vsdc1 step down DC/DC input power supply
converter
C6, C7
Gnd_Vsdc1
VSSA
Vsdc1 step down DC/DC ground converter
D6, D7
Vlx_Vsd1
AIO (Vbat)
Vsdc1 step down DC/DC output converter
D5
Vsdc1
AO (Vbat)
Vsdc1 step down DC/DC feedback converter
A7
Vbat_Vana1_Vana3
VDDA
Vana1 & Vana3 low drop input supply
regulator
B7
Vana3
AO (Vbat)
Vana3 low drop output supply regulator
A5
Vdig
AO (Vbat)
Vdig low drop output supply regulator
A6
Vbat_Vdig
VDDA
Vdig low drop input supply regulator
B6
Vana1
AO (Vbat)
Vana1 low drop output supply regulator
G5
Vbat_Vana2
VDDA
Vana2 low drop input supply regulator
G4
Vana2
AO (Vbat)
Vana2 low drop output supply regulator
G1
Vbat-Vmmc
VDDA
Vmmc low drop input supply regulator
G2
Vmmc
AO (Vbat)
Vmmc low drop output supply regulator
Voltage selection
E4
Vana1_sel<0>
DI (Vbat)
Vana1 voltage selection
F5
Vana2_sel<0>
DI (Vbat)
Vana2 voltage selection
F6
Vana3_sel<0>
DI (Vbat)
Vana3 voltage selection
Other balls (connected to ground)
C1
Reserved
Connected to ground
E2
Reserved
Connected to ground
E5
Reserved
Connected to ground
Table 4.
STw4510 ball description for the 4 mm x 4 mm package (continued)
Ball
Ball name
Ball type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com