Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 3Page - STMicroelectronics TS4985 Datasheet HTML 4Page - STMicroelectronics TS4985 Datasheet HTML 5Page - STMicroelectronics TS4985 Datasheet HTML 6Page - STMicroelectronics TS4985 Datasheet HTML 7Page - STMicroelectronics TS4985 Datasheet HTML 8Page - STMicroelectronics TS4985 Datasheet HTML 9Page - STMicroelectronics TS4985 Datasheet HTML 10Page - STMicroelectronics TS4985 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TS4985
Electrical Characteristics
7/29
Table 7.
Index of graphics
Description
Figure
Page
Open Loop Frequency Response
Figure 2 to 7
page 8
Power Supply Rejection Ratio (PSRR) vs. Frequency
Figure 8 to 13
page 9
Power Supply Rejection Ratio (PSRR) vs. DC Output Voltage
Figure 14 to 22
page 10 to
page 11
Power Supply Rejection Ratio (PSRR) at F=217Hz vs. Bypass
Capacitor
Figure 23
page 11
Output Power vs. Power Supply Voltage
Figure 24 to 26
page 11 to
page 12
Output Power vs. Load Resistor
Figure 27 to 29
page 12
Power Dissipation vs. Output Power
Figure 30 to 32
page 12 to
page 13
Clipping Voltage vs. Power Supply Voltage and Load Resistor
Figure 33,
Figure 34
page 13
Current Consumption vs. Power Supply Voltage
Figure 35
page 13
Current Consumption vs. Standby Voltage
Figure 36 to 38
page 13 to
page 14
Output Noise Voltage, Device ON
Figure 39
page 14
Output Noise Voltage, Device in Standby
Figure 40
page 14
THD+N vs. Output Power
Figure 41 to 49
page 14 to
page 15
THD+N vs. Frequency
Figure 50 to 52
page 16
Crosstalk vs. Frequency
Figure 53 to 55
page 16
SIgnal to Noise Ratio vs. Power Supply with Unweighted Filter
(20Hz to 20kHz)
Figure 56,
Figure 57
page 17
SIgnal to Noise Ratio vs. Power Supply with A-weighted Filter
Figure 58,
Figure 59
page 17
Power Derating Curves
Figure 60
page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com