Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 18Page - STMicroelectronics TS4985 Datasheet HTML 19Page - STMicroelectronics TS4985 Datasheet HTML 20Page - STMicroelectronics TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application Information
TS4985
22/29
Due to process tolerances, the maximum value of wake-up time could be establish by the graph
in
Figure 64.
Note:
Bypass capacitor Cb as also a tolerance of typically +/-20%. To calculate the wake-up time with
this tolerance, refer to the previous graph (considering for example for Cb = 1µF in the range of
0.8µF
≤ 1µF ≤ 1.2µF).
4.7
Shutdown time
When the standby command is set, the time required to put the two output stages in high
impedance and the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, Bypass pin and Vin- pin are short-circuited to ground by internal switches.
This allows for the quick discharge of the Cb and Cin capacitors.
4.8
Pop performance
Pop performance is intimately linked with the size of the input capacitor
Cin and the bias voltage
bypass capacitor
Cb.
The size of
Cin is dependent on the lower cut-off frequency and PSRR values requested. The
size of
Cb is dependent on THD+N and PSRR values requested at lower frequencies.
Moreover,
Cb determines the speed with which the amplifier turns ON. In order to reach near
zero pop and click, the equivalent input constant time is:
τin =(Rin+2kΩ)x Cin (s) with Rin ≥ 5kΩ
must not reach the
τin maximum value as indicated in the graph below in Figure 65.
Figure 63. Typical wake-up time vs. Cb
Figure 64. Maximum wake-up time vs. Cb
12
34
0
100
200
300
400
500
600
4.7
0.1
Tamb=25
°C
Vcc=2.6V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb ( F)
12
34
0
100
200
300
400
500
600
Tamb=25
°C
4.7
0.1
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com