Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics TS4985 Datasheet HTML 27Page - STMicroelectronics TS4985 Datasheet HTML 28Page - STMicroelectronics TS4985 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
TS4985
Package Mechanical Data
27/29
5
Package Mechanical Data
Figure 71. Pinout (top view)
Figure 72. Marking (top view)
Note: Balls are underneath
AB
C
D
E
1
2
3
4
5
6
VCC2
VCC1
BYPASS
IN-R
VO+L
VO+R
VO-R
VO-L
IN+L
GND2
STDBYL
STDBYR
IN+R
IN-L
GND1
AB
C
D
E
1
2
3
4
5
6
VCC2
VCC1
BYPASS
IN-R
VO+L
VO+R
VO-R
VO-L
IN+L
GND2
STDBYL
STDBYR
IN+R
IN-L
GND1
VCC2
VCC1
BYPASS
IN-R
VO+L
VO+R
VO-R
VO-L
IN+L
GND2
STDBYL
STDBYR
IN+R
IN-L
GND1
Marking shows:
■ ST Logo
■
Product & assembly code: XXX
- A85 from Tours
- 858 from Singapore
- 85K from Shenzhen
■ 3-digit datecode: YWW
■ “E” lead-free symbol
■ The dot marks position of pin A1
XXX
YWW
E
XXX
YWW
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com