Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 16Page - STMicroelectronics TS4985 Datasheet HTML 17Page - STMicroelectronics TS4985 Datasheet HTML 18Page - STMicroelectronics TS4985 Datasheet HTML 19Page - STMicroelectronics TS4985 Datasheet HTML 20Page - STMicroelectronics TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Application Information
TS4985
20/29
4.4
Power dissipation and efficiency
Hypotheses:
●
Voltage and current in the load are sinusoidal (Vout and Iout).
●
Supply voltage is a pure DC source (Vcc).
Regarding the load we have:
and
and
Therefore, the average current delivered by the supply voltage is:
The power delivered by the supply voltage is:
Then, the power dissipated by each amplifier is:
and the maximum value is obtained when:
and its value is:
Note:
This maximum value is only depending on power supply voltage and load values.
The efficiency,
η, is the ratio between the output power and the power supply:
The maximum theoretical value is reached when
VPEAK = VCC, so that:
V
out
= V
PEAK
sin
ωt
(V)
I
out =
V
out
R
L
-------------
(A)
P
out =
V
PEA K
2
2R
L
-------------------------
(W)
I
CC
AVG
= 2
V
PEA K
πR
L
---------------------
(A)
P
supply
V
CC
I
CC
AV G
⋅
=
W
()
P
diss
P
supply
P
out
–
=
W
()
P
diss
22V
CC
π R
L
-----------------------
P
out
P
out
–
⋅
=
W
()
∂P
diss
∂P
out
--------------------- = 0
P
diss ma x
2V
cc
2
π2R
L
--------------
=
W
()
η =
P
out
P
supply
-------------------- =
πV
PEAK
4V
CC
-------------------------
π
4
----- = 78.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com