Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4985 Datasheet HTML 1Page - STMicroelectronics TS4985 Datasheet HTML 2Page - STMicroelectronics TS4985 Datasheet HTML 3Page - STMicroelectronics TS4985 Datasheet HTML 4Page - STMicroelectronics TS4985 Datasheet HTML 5Page - STMicroelectronics TS4985 Datasheet HTML 6Page - STMicroelectronics TS4985 Datasheet HTML 7Page - STMicroelectronics TS4985 Datasheet HTML 8Page - STMicroelectronics TS4985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Typical Application Schematic
TS4985
2/29
1
Typical Application Schematic
Figure 1 shows a typical application schematic for the TS4985.
Table 1.
External component descriptions
Figure 1.
Application schematic
Components
Functional Description
RIN L,R
Inverting input resistors which sets the closed loop gain in
conjunction with Rfeed. These resistors also form a high pass
filter with CIN (fc = 1 / (2 x Pi x RIN x CIN))
CIN L,R
Input coupling capacitors which blocks the DC voltage at the
amplifier input terminal
RFEED L,R
Feedback resistors which sets the closed loop gain in
conjunction with RIN
CS
Supply Bypass capacitor which provides power supply filtering
CB
Bypass pin capacitor which provides half supply filtering
AV L, R
Closed loop gain in BTL configuration = 2 x (RFEED / RIN) on
each channel
VCC
Cs
1u
1
2
3
VCC
Rin-L
Cin-L
Input L
GND
Rin-R
Cin-R
Input R
GND
Cfeed-L
Rfeed-L
Cfeed-R
Rfeed-R
Cb
1u
Neg. Output L
Pos. Output L
Neg. Output R
Pos. Output R
22k
22k
22k
22k
100n
100n
Bias
AV = -1
Bypass
Standby L
+
-
+
-
AV = -1
+
-
+
-
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
Standby R
A1
B2
C5
C3
D6
E5
C1
E1
D2
D4
E3
B4
A3
B6
A5
TS4985
1
2
3
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com