Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4985 Datasheet HTML 1Page - STMicroelectronics TS4985 Datasheet HTML 2Page - STMicroelectronics TS4985 Datasheet HTML 3Page - STMicroelectronics TS4985 Datasheet HTML 4Page - STMicroelectronics TS4985 Datasheet HTML 5Page - STMicroelectronics TS4985 Datasheet HTML 6Page - STMicroelectronics TS4985 Datasheet HTML 7Page - STMicroelectronics TS4985 Datasheet HTML 8Page - STMicroelectronics TS4985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TS4985
Absolute Maximum Ratings
3/29
2
Absolute Maximum Ratings
Table 2.
Key parameters and their absolute maximum ratings
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Flip-chip Thermal Resistance Junction to Ambient
180
°C/W
Pd
Power Dissipation
Internally Limited
ESD
Human Body Model (3)
3.
All voltage values are measured from each pin with respect to supplies.
2kV
ESD
Machine Model
200
V
Latch-up Immunity
200
mA
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.2 to 5.5
V
VICM
Common Mode Input Voltage Range
1.2V to VCC
V
VSTB
Standby Voltage Input:
Device ON
Device OFF
1.35
≤ VSTB ≤ VCC
GND
≤ VSTB ≤ 0.4
V
RL
Load Resistor
≥ 4
Ω
ROUTGND
Resistor Output to GND (VSTB = GND)
≥ 1MΩ
TSD
Thermal Shutdown Temperature
150
°C
RTHJA
Flip-chip Thermal Resistance Junction to Ambient (1)
1.
When mounted on a 4-layer PCB.
110
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com