Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 19Page - STMicroelectronics TS4985 Datasheet HTML 20Page - STMicroelectronics TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics TS4985 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TS4985
Application Information
23/29
By following previous rules, the TS4985 can reach near zero pop and click even with high gains
such as 20dB.
Example calculation:
With
Rin =22kΩ and a 20Hz, -3db low cut-off frequency, Cin = 361nF. So, Cin =390nF with
standard value which gives a lower cut-off frequency equal to 18.5Hz. In this case,
(
Rin +2kΩ)x Cin = 9.36ms. When referring to the previous graph, if Cb =1µF and Vcc =5V, we
read 20ms max. This value is twice as high as our current value, thus we can state that pop and
click will be reduced to its lowest value. Minimizing both
Cin and the gain benefits both the pop
phenomena, and the cost and size of the application.
4.9
Dedicated standby control
TS4985 has two standby control inputs to allow to put each channel in standby mode
independently. In case a channel is active and another one in standby mode It’s very important
to be in line with a following recommendation to reach near zero pop. When left (right) channel
is active and right (left) channel is in standby mode it's necessary to put active channel in
standby mode first and then immediately (with regard to Standby time) activate right (left)
channel or both channels together in at the same moment.
4.10
Application example: differential-input BTL power stereo
amplifier
The schematic in
Figure 65 shows how to design the TS4985 to work in differential-input mode.
For this discussion, only the left-channel amplifier will be referred to.
Let:
R1R =R2L =R1, R2R =R2L =R2
CinR = CinL =Cin
The gain of the amplifier is:
Figure 65.
τin max. versus bypass capacitor
12
34
0
40
80
120
160
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Tamb=25
°C
Bypass Capacitor Cb ( F)
Gvdif = 2
R2
R1
-------
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com