Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 20Page - STMicroelectronics TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics TS4985 Datasheet HTML 27Page - STMicroelectronics TS4985 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Application Information
TS4985
24/29
In order to reach the optimal performance of the differential function,
R1 and R2 should be
matched at 1% maximum.
The value of the input capacitor
CIN can be calculated with the following formula, using the -3dB
lower frequency required (where
FL is the lower frequency required):
Note:
This formula is true only if:
is 5 times lower than FL.
The following bill of materials (
Table 8) is provided as an example of a differential amplifier with
a gain of 2 and a -3dB lower cut-off frequency of about 80Hz.
Figure 66. Differential input amplifier configuration
Table 8.
Example of a bill of materials
Designator
Part Type
R1L = R1R
20k
Ω / 1%
R2L = R2R
20k
Ω / 1%
CinR = CinL
100nF
Cb=CS
1µF
U1
TS4985
R1L
CinL
R2L
VCC
Cs
Cb
Neg. Input LEFT
8 Ohms
LEFT Speaker
8 Ohms
RIGHT Speaker
R1R
CinR
R2R
Neg. Input RIGHT
StandBy L
Control
R1L
CinL
Pos. Input LEFT
R1R
CinR
Pos. Input RIGHT
R2L
R2R
Bias
StandBy L
Bypass
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
+
-
+
-
+
-
AV = -1
+
-
AV = -1
StandBy R
U1
TS4985
StandBy R
Control
)
F
(
F
R
2
1
C
L
1
IN
π
≈
)
Hz
(
C
)
R
R
(
2
1
F
B
2
1
CB
+
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com