Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 6Page - STMicroelectronics TS4985 Datasheet HTML 7Page - STMicroelectronics TS4985 Datasheet HTML 8Page - STMicroelectronics TS4985 Datasheet HTML 9Page - STMicroelectronics TS4985 Datasheet HTML 10Page - STMicroelectronics TS4985 Datasheet HTML 11Page - STMicroelectronics TS4985 Datasheet HTML 12Page - STMicroelectronics TS4985 Datasheet HTML 13Page - STMicroelectronics TS4985 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical Characteristics
TS4985
10/29
Figure 14. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 15. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 16. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 17. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 18. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 19. Power supply rejection ratio (PSRR)
vs. DC output voltage
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com