Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4985 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4985
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4985 Datasheet HTML 21Page - STMicroelectronics TS4985 Datasheet HTML 22Page - STMicroelectronics TS4985 Datasheet HTML 23Page - STMicroelectronics TS4985 Datasheet HTML 24Page - STMicroelectronics TS4985 Datasheet HTML 25Page - STMicroelectronics TS4985 Datasheet HTML 26Page - STMicroelectronics TS4985 Datasheet HTML 27Page - STMicroelectronics TS4985 Datasheet HTML 28Page - STMicroelectronics TS4985 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TS4985
Application Information
25/29
4.11
Demoboard
A demoboard for the TS4985 in flip-chip package is available.
For more information about this demoboard, please refer to Application Note AN2152, which
can be found on www.st.com.
Figure 67 shows the schematic of the demoboard. Figure 68, Figure 69 and Figure 70 show the
component locations, top layer and bottom layer respectively.
Figure 67. Demoboard schematic
1
2
Cn1
InputL
1
2
Cn3
1
2
Cn4
InputR
1
2
Cn6
100nF
1
2
C1
1
2
C3
22K
2
1
R1
2
1
R3
22K
2
1 R4
2
1 R6
R8
22K
2
1 R5
22K
2
1 R2
R7
100nF
1
2
C4
1
2
C6
1
2
C2
1
2
C5
100nF
C8
1uF
C7
1uF
C9
VCC
1
2
Cn9
Vcc
1
2
Cn2
OUTL
1
2
Cn5
OUTR
GND
GND
GND
GND
1
2
3
Cn7
StandByL
VCC
Jumper J1
6
5
15
4
3
Bias
STDBYL
13
14
11
12
7
Bypass
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN-R
IN+R
STDBYR
8
+
-
+
-
+
-
AV = -1
+
-
AV = -1
U1
TS4985_FC_ADAPTER
1
2
3
Cn8
StandByR
VCC
Jumper J2
neg
pos.
neg.
pos.
neg.
pos.
neg.
pos.
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com