Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 23Page - Analog Devices AD5560JSVUZ Datasheet HTML 24Page - Analog Devices AD5560JSVUZ Datasheet HTML 25Page - Analog Devices AD5560JSVUZ Datasheet HTML 26Page - Analog Devices AD5560JSVUZ Datasheet HTML 27Page - Analog Devices AD5560JSVUZ Datasheet HTML 28Page - Analog Devices AD5560JSVUZ Datasheet HTML 29Page - Analog Devices AD5560JSVUZ Datasheet HTML 30Page - Analog Devices AD5560JSVUZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 26 of 66
CH1 5V
CH3 5V
M20µs
A CH3
2.9V
1
2
4
T 4.6%
B
W
CH2 1V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = EXTFORCE1/1.2A
0 TO 3.7V STEP
CLOAD = 10µF CERAMIC
SAFE MODE
MEASOUT GAIN 1, MI GAIN 20
3
FORCE
MEASOUT – MI
BUSY
Figure 44. Transient Response FVMI Mode, EXTFORCE1 Range, Safe Mode
CH1 5V
CH3 5V
M10µs
A CH3
2.9V
1
2
3
4
T 9.8%
B
W
CH2 2V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = EXTFORCE2/
300mA
0 TO 10V STEP
CLOAD = 220nF
AUTOCOMP MODE 0x4880
MEASOUT GAIN 1, MI GAIN 20
FORCE
MEASOUT – MI
BUSY
Figure 45. Transient Response FVMI Mode, EXTFORCE2 Range,
Autocompensation Mode
3
CH1 5V
CH3 5V
M100µs
A CH3
2.9V
1
2
4
T 9.8%
B
W
FORCE
CH2 2V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = EXTFORCE2/300mA
0 TO 10V STEP
CLOAD = 220nF
SAFE MODE
MEASOUT GAIN 1, MI GAIN 20
MEASOUT – MI
BUSY
Figure 46. Transient Response FVMI Mode, EXTFORCE2 Range, Safe Mode
0
100
200
300
400
500
600
700
800
900
1000
PART H1
PART H2
PART H3
FVMN
FVMV
FNMV
FVMI
Figure 47. NSD vs. Amplifier Stage and Gain Setting at 1 kHz
–100
–80
–60
–40
–20
20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
DVCC = +5.25V, AVDD = +16.5V, AVSS = –16.5V
FOH
MV: GAIN 0
MV: GAIN 1
MV: GAIN 2
MV: GAIN 3
MI: GAIN 0
MI:GAIN 1
MI: GAIN 2
MI: GAIN 3
Figure 48. ACPSRR of AVDD vs. Frequency
–100
–120
–140
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
DVCC = +5.25V, AVDD = +16.5V, AVSS = –16.5V
FOH
MV: GAIN 0
MV: GAIN 1
MV: GAIN 2
MV: GAIN 3
MI: GAIN 0
MI:GAIN 1
MI: GAIN 2
MI: GAIN 3
Figure 49. ACPSRR of AVSS vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com