Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 14Page - Analog Devices AD5560JSVUZ Datasheet HTML 15Page - Analog Devices AD5560JSVUZ Datasheet HTML 16Page - Analog Devices AD5560JSVUZ Datasheet HTML 17Page - Analog Devices AD5560JSVUZ Datasheet HTML 18Page - Analog Devices AD5560JSVUZ Datasheet HTML 19Page - Analog Devices AD5560JSVUZ Datasheet HTML 20Page - Analog Devices AD5560JSVUZ Datasheet HTML 21Page - Analog Devices AD5560JSVUZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 17 of 66
Pin No.
Mnemonic
Description
18
VREF
Reference Input for DAC Channels, Input Range 2 V to 5 V.
19, 44
AGND
Analog Ground.
20, 30, 45
AVSS
Negative Analog Supply Voltage. These pins supply DACs and other high voltage circuitry, such as
measure blocks.
21, 33, 46
AVDD
Positive Analog Supply Voltage. These pins supply DACs and other high voltage circuitry, such as
measure blocks.
22
MEASOUT
Multiplexed DUT voltage sense, DUT current sense, Kelvin sense, or temperature output; refer to AGND.
23
CC3
Compensation Capacitor Input 3.
24
CC0
Compensation Capacitor Input 0.
25
CC1
Compensation Capacitor Input 1.
26
CC2
Compensation Capacitor Input 2.
27
SLAVE_IN
Slave Input When Ganging Multiple DPS Devices.
28
MASTER_OUT
Master Output When Ganging Multiple DPS Devices.
29
SYS_SENSE
External Sense Signal Output.
31
SYS_FORCE
External Force Signal Input.
32
FORCE
Output Force Pin for Internal Current Ranges.
34
NC
No Connect.
35
CF4
Feedforward Capacitor 4.
36
CF3
Feedforward Capacitor 3.
37
CF2
Feedforward Capacitor 2.
38
CF1
Feedforward Capacitor 1.
39
CF0
Feedforward Capacitor 0.
40
DUTGND
Device Under Test Ground.
41
SENSE
Input Sense Line.
42
EXTMEASIL
Low Side Measure Current Line for External High Current Ranges.
43
GUARD/SYS_DUTGND
Guard Amplifier Output Pin or
System Device Under Test Ground Pin. See the DPS Register 2 in Table 19
for addressing details.
47
EXTMEASIH1
Input High Measure Line for External High Current Range 1.
48
EXTMEASIH2
Input High Measure Line for External High Current Range 2.
49, 55, 61
HCAVDD1A,
HCAVDD1B,
HCAVDD1C
High Current Positive Analog Supply Voltage, for EXTFORCE1 Range.
50, 56, 62
EXTFORCE1A,
EXTFORCE1B,
EXTFORCE1C
Output Force. This pin is used for high Current Range 1, up to a maximum of ±1.2 A.
51, 57, 63
HCAVSS1A,
HCAVSS1B,
HCAVSS1C
High Current Negative Analog Supply Voltage, for EXTFORCE1 Range.
52, 58
HCAVSS2A, HCAVSS2B
High Current Negative Analog Supply Voltage, for EXTFORCE2 Range.
53, 59
EXTFORCE2A,
EXTFORCE2B
Output Force. This pin is used for high Current Range 2, up to a maximum of ±500 mA.
54, 60
HCAVDD2A,
HCAVDD2B
High Current Positive Analog Supply Voltage, for EXTFORCE2 Range.
64
GPO
Extra Logic Output Bit. Ideal for external functions such as switching out a decoupling capacitor at DUT.
65
EP
The exposed pad is internally connected to AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com