Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 32Page - Analog Devices AD5560JSVUZ Datasheet HTML 33Page - Analog Devices AD5560JSVUZ Datasheet HTML 34Page - Analog Devices AD5560JSVUZ Datasheet HTML 35Page - Analog Devices AD5560JSVUZ Datasheet HTML 36Page - Analog Devices AD5560JSVUZ Datasheet HTML 37Page - Analog Devices AD5560JSVUZ Datasheet HTML 38Page - Analog Devices AD5560JSVUZ Datasheet HTML 39Page - Analog Devices AD5560JSVUZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 35 of 66
att
att
5R
R
1kΩ
5R
mi
mv
att
att
tri
DAC
att
1kΩ
5R
R
OSD DAC IN
MEASURE
VOLTAGE
MEASURE
CURRENT
MEASOUT
5R
NOTES
1. att: ATTENUATION FOR EXTERNAL MEASOUT × 0.20 FOR OUTPUT VOLTAGE RANGE 0V TO 5.125V (WITH OVERRANGE) (VREF = 5V).
tri: TRISTATE MODE
mv: MEASURE VOLTAGE
mi: MEASURE CURRENT
mi_gain: MEASURE I GAIN SELECTION
MI_x10
MI_x20
INTERNAL
MEASI HIGH
ISENSE AMP
R
10R
R
10R
2R
2R
-
SENSE
DUTGND
VSENSE AMP
5R
5R
5R
5R
VREF
REFGND
VMID = (VTOP – VBOT)/2
VBOT
LOW VOLTAGE
OFFSET DAC
HV DAC AMP
VMIN
VMID
VOS = (1 + 2/8.25) × (OFFSET DAC VOLTAGE)
8.25R
8.25R
mi_gain
VTOP
INTERNAL
MEASI LOW
2R
2R
8.25R
2R
Figure 56. MI, MV, and MEASOUT Block Showing Gain Settings and Offset DAC Influence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com