Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 39Page - Analog Devices AD5560JSVUZ Datasheet HTML 40Page - Analog Devices AD5560JSVUZ Datasheet HTML 41Page - Analog Devices AD5560JSVUZ Datasheet HTML 42Page - Analog Devices AD5560JSVUZ Datasheet HTML 43Page - Analog Devices AD5560JSVUZ Datasheet HTML 44Page - Analog Devices AD5560JSVUZ Datasheet HTML 45Page - Analog Devices AD5560JSVUZ Datasheet HTML 46Page - Analog Devices AD5560JSVUZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 42 of 66
b.
Force the voltage on FORCE via SYS_FORCE and
measure the voltage at MEASOUT. The
difference is the error between the actual forced
voltage and the voltage at MEASOUT.
3.
Calibrate the measure current (two-point calibration).
a.
In FV mode, write zero scale to the FIN DAC registers
(Register 0x8 to Register 0xA).
b.
Disconnect the FORCE pin and the SENSE pin.
Connect SYS_FORCE to FORCE (via SW8) and
SYS_SENSE to SENSE (via SW9).
c.
Connect the SYS_FORCE pin to an external ammeter
and its other terminal to the SYS_SENSE pin.
d.
Connect the SYS_SENSE pin to a precision resistor
(RDUT), where RDUT = RSENSE × 20 of the current range,
and connect its other terminal to ground (see Figure 58).
e.
Measure the error between the ammeter reading and
the MEASOUT reading by forcing ±10 V to the FIN
DAC registers (Register 0x8 to Register 0xA).
f.
Repeat Step 3a through Step3e across all current
ranges.
4.
Similarly, calibrate the comparator and clamp DACs, and
load the appropriate gain and offset registers. Calibrating
these DACs requires some successive approximation to
determine where the comparator trips or the clamps
engage.
RSENSE
FIN
DAC
ISENSE
VSENSE
SYS_SENSE
SW9
SYS_FORCE
SENSE
FORCE
SW8
MEASOUT
EXTERNAL
AMMETER
RDUT
WHERE:
RDUT = RSENSE × 20
AD5560
Figure 58. Measure Current Calibration
CHOOSING AVDD/AVSS POWER SUPPLY RAILS
As noted in the Specifications section, the minimum supply
variation across the part is |AVDD − AVSS| ≥ 16 V and ≤ 33 V,
AVDD ≥ 8 V, and AVSS ≤ −5 V. For the AD5560 circuits to
operate correctly, the supply rails must take into account not
only the force voltage range but also the internal DAC
minimum voltage level, as well as headroom/footroom.
The DAC amplifier gains VREF by 5.125, and the offset DAC
centers that range about some chosen point. Because the DAC
minimum voltage (VMIN) is used in other parts of the circuit
(MEASOUT gain of 0.2), it is important that AVSS be chosen
based on the following:
AVSS ≤ −5.125 × (VREF × (OFFSET_DAC_CODE/216)) −
AVSS_Headroom − VDUTGND − (RCABLE × ILOAD)
where:
AVSS_Headroom is the 2.75 V headroom (includes the RSENSE
voltage drop).
VDUTGND is the voltage range anticipated at DUTGND.
RCABLE is the cable/path resistance.
ILOAD is the maximum load current.
When choosing AVDD, remember to take into account the
specified current ranges. The measure current block has either
a gain of 20 or 10 and must have sufficient headroom/
footroom to operate correctly.
As the nominal, VRSENSE is ±0.5 V for the full-scale specified
current flowing for all ranges. If this is gained by 20, the
measure current amplifier output (internal node) voltage
range is ±10 V with full-scale current and the default offset
DAC setting. The measure current block needs ±2.25 V
footroom/headroom for correct operation in addition to
the ±0.5 V VRSENSE.
For simplicity, when VREF = 5 V, minimum |AVDD − AVSS| =
31.125 V (VREF × 5.125 + headroom + footroom); otherwise,
there can be unanticipated effects resulting from headroom/
footroom issues. This does not take into account cable loss or
DUTGND contributions.
Similarly, when VREF = 2.5 V, minimum |AVDD − AVSS| = 18.3 V
and, when VREF = 2 V, minimum |AVDD − AVSS| = 16 V.
The AD5560 is designed to settle fast into large capacitive loads;
therefore, when slewing, the device draws 2× to 3× the current
range from the AVDD/AVSS supplies. When supply rails are
chosen, they should be capable of supplying each DPS channel
with sufficient current to slew.
CHOOSING HCAVSSx AND HCAVDDx SUPPLY RAILS
Selection of HCAVSSx and HCAVDDx supplies is determined by
the EXTFORCE1 and EXTFORCE2 output ranges. The supply
rails chosen must take into account headroom and footroom,
DUTGND voltage range, cable loss, supply tolerance, and
VRSENSE. If diodes are used in series with the HCAVSSx and
HCAVDDx supplies pins (shown in Figure 60), the diode voltage
drop should also be factored into the supply rail calculation.
The AD5560 is designed to settle fast into large capacitive loads
in high current ranges; therefore, when slewing, the device draws
2× to 3× the current range from the HCAVSSx and HCAVDDx
supplies. When choosing supply rails, ensure that they are
capable of supplying each DPS channel with sufficient current
to slew.
All output stages of the AD5560 are symmetrical; they can
source and sink the rated current. Supply design/bypassing
should account for this.
POWER DISSIPATION
The maximum power dissipation allowed in the EXTFORCE1
stage is 10 W, whereas in the EXTFORCE2 stage, it is 5 W.
Take care to ensure that the device is adequately cooled to
remove the heat. The quiescent current is ~0.8 W with an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com