Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 58Page - Analog Devices AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices AD5560JSVUZ Datasheet HTML 63Page - Analog Devices AD5560JSVUZ Datasheet HTML 64Page - Analog Devices AD5560JSVUZ Datasheet HTML 65Page - Analog Devices AD5560JSVUZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 61 of 66
REQUIRED EXTERNAL COMPONENTS
The minimum required external components are shown in the
block diagram in Figure 61. Decoupling is very dependent on
the type of supplies used, the board layout, and the noise in the
system. It is possible that less decoupling may be required as a
result. Although there are four compensation input pins and
five feedforward capacitor input pins, all capacitor inputs may
be used only if the user intends to drive large variations of DUT
load capacitances. If the DUT load capacitance is known and
does not change for all combinations of voltage ranges and test
conditions, then it is possible only one set of CCx and CFx is
required.
SHARED
ADC
ADC
VREF
AVSS
AVDD
VREF
DVCC
KELALM
CLALM
DVCC OR
OTHER
DIGITAL
SUPPLY
TMPALM
RESET
RPULLUP
DVCC OR
OTHER
DIGITAL
SUPPLY
RPULLUP
MEASOUT
CC0 CC1 CC2 CC3
EXTFORCE1
EXTFORCE2
CF4
CF3
CF2
CF1
DUT
EXTMEASHI1
SENSE
EXTMEASHI2
RSENSE 2
RSENSE 1
EXTMEASIL
DUTGND
FORCE
10µF
0.1µF
10µF
0.1µF
HCAVDD2
HCAVSS2
REF
HCAVDD1
HCAVSS1
SHARED
REFERENCE
10µF
0.1µF
10µF
0.1µF
AVDD
AVSS
10µF
0.1µF
DVCC
0.1µF
10µF
0.1µF
0.1µF
CF0
ADC
DRIVER
Figure 61. External Components Required for Use with the DPS
Table 27. References Suggested for Use with the AD55601
Part No.
Voltage (V)
Initial
Accuracy %
Ref OutTempco
(ppm/°C max)
A/B Grade
Ref Output
Current (mA)
SupplyVoltage
Range (V)
Package
ADR431
2.5
±0.04
10/3
30
4.5 to 18
MSOP, SOIC
ADR435
5
±0.04
10/3
30
7 to 18
MSOP, SOIC
ADR441
2.5
±0.04
10/3
10
3 to 18
MSOP, SOIC
ADR445
5
±0.04
10/3
10
5.5 to 18
MSOP, SOIC
1 Subset of the possible references suitable for use with the AD5560. See http://www.analog.com/references for more options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com