Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices AD5560JSVUZ Datasheet HTML 63Page - Analog Devices AD5560JSVUZ Datasheet HTML 64Page - Analog Devices AD5560JSVUZ Datasheet HTML 65Page - Analog Devices AD5560JSVUZ Datasheet HTML 66Page - Analog Devices AD5560JSVUZ Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 66 of 66
ORDERING GUIDE
Model1
Temperature Range2
Package Description
Package Option
AD5560JSVUZ
TJ = 25°C to +90oC
64-Lead Thin Quad Flat Pack with Exposed Pad (TQFP_EP)
SV-64-3
AD5560JSVUZ-REEL
TJ = 25°C to +90oC
64-Lead Thin Quad Flat Pack with Exposed Pad (TQFP_EP)
SV-64-3
AD5560JBCZ
TJ = 25°C to +90oC
72-Ball Chip Scale Package Ball Grid Array (CSP-BGA)
BC-72-2
AD5560JBCZ-REEL
TJ = 25°C to +90oC
72-Ball Chip Scale Package Ball Grid Array (CSP-BGA)
BC-72-2
EVAL-AD5560EBUZ
Evaluation Kit
1 Z = RoHS Compliant Part.
2 TJ = junction temperature.
©2008–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07779-0-5/16(
E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com