Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 27Page - Analog Devices AD5560JSVUZ Datasheet HTML 28Page - Analog Devices AD5560JSVUZ Datasheet HTML 29Page - Analog Devices AD5560JSVUZ Datasheet HTML 30Page - Analog Devices AD5560JSVUZ Datasheet HTML 31Page - Analog Devices AD5560JSVUZ Datasheet HTML 32Page - Analog Devices AD5560JSVUZ Datasheet HTML 33Page - Analog Devices AD5560JSVUZ Datasheet HTML 34Page - Analog Devices AD5560JSVUZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 30 of 66
(Address 0x7) details the addressing and location of the diodes.
These can be used for diagnostic purposes to determine the
thermal gradients across the die and across a board containing
many AD5560 devices. When selected, the anode of these
diodes is connected to GPO and the cathode to AGND. The
AD5560 evaluation board uses the ON Semiconductor®
ADT7461 temperature sensor for the purpose of analyzing the
temperature at different points across the die.
COMPARATORS
The DUT measured value is monitored by two comparators
(CPOL, CPOH). These comparators give the advantage of
speed for go-no-go testing.
Table 6. Comparator Output Function
Test Condition
CPOL
CPOH
(V
DUT or IDUT) > CPH
0
(V
DUT or IDUT) < CPH
1
(V
DUT or IDUT) > CPL
1
(V
DUT or IDUT) < CPL
0
CPH > (V
DUT or IDUT) > CPL
1
1
To minimize the number of comparator output lines routed
back to the controller, it is possible to change the comparator
function to a window comparator that outputs on one single
pin, CPO. This pin is shared with CPOH and, when configured
through the serial interface, it provides information on whether
the measured DUT current or voltage is inside or outside the
window set by the CPL and CPH DAC levels (see Table 24).
Table 7. Comparator Output Function in CPO Mode
Test Condition
CPO Output
(V
DUT or IDUT) > CPL and < CPH
1
(V
DUT or IDUT) < CPL or > CPH
0
CURRENT CLAMPS
High and low current clamps are included on chip. These protect
the DUT in the event of a short circuit. The CLH and CLL
levels are set by the 16-bit DAC levels. The clamp works to
limit the current supplied by the force amplifier to within the
set levels. The clamp circuitry compares the voltage across the
sense resistor (multiplied by an in-amp gain of 10 or 20) to
compare to the programmed clamp limit and activates the
clamp circuit if either the high level or low level is exceeded,
thus ensuring that the DUT current can never exceed the
programmed clamp limit + 10% of full-scale current.
If a clamp level is exceeded, this is flagged via the latched open-
drain CLALM pin, and the resulting alarm information can be
read back via the SPI interface.
The clamp levels should not be set to the same level; instead,
they should be set a minimum of 2 V apart (irrespective of the
MI gain setting). This equates to 10% of FSCR (MI gain = 20)
(20% of FSCR, MI gain of 10) apart. They should also be 1 V
away from the 0 A level.
The clamp register limits the CLL clamp to the range 0x0000 to
0x7FFF; any code in excess of this is seen as 0x7FFF. Similarly,
the CLH clamp registers are limited to the range 0x8000 to
0xFFFF (see Table 24).
Clamp Alarm Function (CLALM)
The CLALM open-drain output flags the user when a clamp
limit has been hit; it can be programmed to be either latched or
unlatched.
Clamp Enable Function (CLEN/LOAD)
Pin 15 (CLEN) allows the user to disable the clamping function
when powering a device with large DUT capacitance, thus allowing
increased current drive to the device and, therefore, speeding
up the charging time of the load capacitance. CLEN is active high.
This pin can also be configured as LOAD to allow multiple devices
to be synchronized. Note that either CLEN or HW_INH can be
chosen as a LOAD function.
SHORT-CIRCUIT PROTECTION
The AD5560 force amplifier stage has built-in short-circuit
protection per stage as noted in the Specifications section.
When the current clamps are disabled, the user must minimize
the duration of time that the device is left in a short-circuit
condition (for all current ranges).
GUARD AMPLIFIER
A guard amplifier allows the user to force the shield of the
coaxial cable to be driven to the same forced voltage at the
DUT, ensuring minimal voltage drops across the cable to
minimize errors from cable insulation leakage.
The guard amplifier also has an alarm function that flags the
open-drain KELALM pin when the guard output is shorted.
The delay in the alarm flag is 200 μs.
The guard amplifier output (GUARD/SYS_DUTGND, Pin 43)
can also be configured to function as a SYS_DUTGND pin; to
do this, the guard amplifier must be tristated via software (see
DPS Register 2, Table 19).
COMPENSATION CAPACITORS
The force amplifier is capable of driving DUT capacitances up
to 160 μF. Four external compensation capacitor (CCx) inputs
are provided to ensure stability into the maximum load capacit-
ance while ensuring that settling time is optimized. In addition,
five CFx capacitor inputs are provided to switch across the sense
resistors to further optimize stability and settling time perform-
ance. The AD5560 has three compensation modes: safe mode,
autocompensation mode, and manual compensation mode, all
of which are described in more detail in the Force Amplifier
Stability section.
The range of suggested compensation capacitors allows
optimum performance for any capacitive load from 0 pF
to 160 μF using one of the modes previously listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com