Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices AD5560JSVUZ Datasheet HTML 63Page - Analog Devices AD5560JSVUZ Datasheet HTML 64Page - Analog Devices AD5560JSVUZ Datasheet HTML 65Page - Analog Devices AD5560JSVUZ Datasheet HTML 66Page - Analog Devices AD5560JSVUZ Datasheet HTML 67Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 65 of 66
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-ACD-HU
49
64
17
1
16
32
33
48
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
7°
3.5°
0°
0.15
0.05
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
1.05
1.00
0.95
0.20
0.09
VIEW A
1.20
MAX
SEATING
PLANE
0.75
0.60
0.45
1.00 REF
0.27
0.22
0.17
BOTTOM VIEW
(PINS UP)
49
64
1
17
16
32
33
48
0.675
0.872
7.85
BSC
7.85
BSC
5.95
BSC
5.95 BSC
TOP VIEW
(PINS DOWN)
EXPOSED
PAD
Figure 64. 64-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-64-3)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-225 WITH
EXCEPTION TO PACKAGE HEIGHT.
A
B
C
D
E
F
G
1
3
2
4
5
6
7
8
9
BOTTOM VIEW
H
J
DETAIL A
TOP VIEW
DETAIL A
6.865 REF
5.720 REF
0.40 REF
(DIE OFFSET)
8.10
8.00 SQ
7.90
*1.20
1.08
1.00
0.36
REF
SEATING
PLANE
0.39
0.34
0.29
0.81
0.76
0.71
0.50
0.45
0.40
BALL DIAMETER
COPLANARITY
0.12
6.40
BSC SQ
0.80
BSC
0.80
REF
A1 BALL
CORNER
A1 BALL
CORNER
Figure 65. 72-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-72-2)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com