Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 21Page - Analog Devices AD5560JSVUZ Datasheet HTML 22Page - Analog Devices AD5560JSVUZ Datasheet HTML 23Page - Analog Devices AD5560JSVUZ Datasheet HTML 24Page - Analog Devices AD5560JSVUZ Datasheet HTML 25Page - Analog Devices AD5560JSVUZ Datasheet HTML 26Page - Analog Devices AD5560JSVUZ Datasheet HTML 27Page - Analog Devices AD5560JSVUZ Datasheet HTML 28Page - Analog Devices AD5560JSVUZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 24 of 66
CH1 50mV
CH3 5V
M200µs
A CH3
1.5V
1
3
T 10.4%
CH1 p-p
159mV
CH1 AREA
14.31µVs
B
W
B
W
FORCE
SYNC
Figure 32. Range Change 25 mA to EXTFORCE2, Safe Mode,
25 mA ILOAD, 10 μF Load
CH1 50mV
CH3 5V
M200µs
A CH3
1.5V
1
3
T 10.4%
CH1 p-p
36mV
CH1 AREA
–9.738µVs
FORCE
SYNC
Figure 33. Range Change EXTFORCE2 to 25 mA, Safe Mode,
25 mA ILOAD, 10 μF Load
0
50
100
150
200
250
300
350
SAFE
MODE
AUTO
COMP
SAFE
MODE
AUTO
COMP
SAFE
MODE
AUTO
COMP
EXT RANGE 1
EXT RANGE 2
25mA RANGE
10µF LOAD
30µF LOAD
100µF LOAD
Figure 34. Kick/Droop Response vs. IRANGE, Compensation, and CLOAD,,
10% to 90% to 10% ILOAD Change
CH1 100mV
CH2 5V
M40µs
A CH2
1.6V
1
2
T 120.4µs
CH1 p-p
84mV
B
W
TRIGGER
FORCE
Figure 35. Autocompensation Mode 90% to 10% ILOAD Change,
EXTFORCE2 Range, 10 μF Load
CH1 100mV
CH2 5V
M40µs
A CH2
4V
1
2
T 120.4µs
CH1 p-p
86mV
B
W
TRIGGER
FORCE
Figure 36. Autocompensation Mode 10% to 90% ILOAD Change,
EXTFORCE2 Range, 10 μF Load
CH1 100mV
CH2 5V
M40µs
A CH2
1.6V
1
2
T 120.4µs
CH1 p-p
172mV
B
W
TRIGGER
FORCE
Figure 37. Safe Mode 80% to 10%, EXTFORCE2 Range, 10 μF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com