Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JSVUZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD5560JSVUZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 57Page - Analog Devices AD5560JSVUZ Datasheet HTML 58Page - Analog Devices AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices AD5560JSVUZ Datasheet HTML 63Page - Analog Devices AD5560JSVUZ Datasheet HTML 64Page - Analog Devices AD5560JSVUZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 60 of 66
USING THE HCAVDDx AND HCAVSSx SUPPLIES
The first set of power supplies, AVDD and AVSS, provide power
to the DAC levels and associated circuitry. They also supply the
force amplifier stage for the low current ranges (ranges using
internal sense resistors up to 25 mA maximum).
The second set of power supplies, HCAVSS1 and HCAVDD1,
are intended to be used to minimize power consumption in
the AD5560 device for the EXTFORCE1 range (up to ±1.2 A).
Similarly, the HCAVSS2 and HCAVDD2 supplies are used for the
EXTFORCE2 range (up to ±500 mA). These supplies must be
less than or equal to the AVDD and AVSS supplies. When driving
high currents at low voltages, power can be greatly minimized
by ensuring that the supplies are at the lowest voltages.
Therefore, HCAVSSx and HCAVDDx can be switched externally
to different power rails as required by the set voltage range.
However, the design of the high current output stage means
that these supplies always have to be at a higher voltage than
the forced voltage, irrespective of the current range being used.
Therefore, depending on the level of supply switching, external
diodes may be required in series with each of the HCAVDDx
and HCAVSSx supplies, as shown in Figure 60. There are
internal pull-up resistors between the supplies (see Figure 60).
Using diodes here allows a more flexible use of supplies and
can minimize the amount of supply switching required. In the
example, the AVDD and AVSS supplies can support the high
voltage needs, whereas the HCAVDDx and HCAVSSx supplies
support the low voltage, higher current ranges. Diode selection
should take into account the current carrying requirements.
Supply selection for HCAVDDx and HCAVSSx supplies must
allow for this extra voltage drop.
POWER SUPPLY SEQUENCING
When the supplies are connected to the AD5560, it is important
that the AGND and DGND pins be connected to the relevant
ground plane before the positive or negative supplies are applied.
In most applications, this is not an issue because the ground
pins for the power supplies are connected to the ground pins of
the AD5560 via ground planes. The AVDD and AVSS supplies
must be applied to the device either before or at the same time
as the HCAVDDx and HCAVSSx supplies, as indicated in Table 3.
There are no known supply sequences surrounding the DVCC
supply, although it is recommended that it be applied as
indicated by the absolute maximum ratings (see Table 3).
AD5560
33kΩ
1200mA
RANGE
500mA
RANGE
FORCE
DUT RANGE
0V TO +25V
OUTPUT RANGE
0V TO +25V
INTERNAL RSENSE
±0.5V AT FULL CURRENT
INTERNAL RANGE SELECT
(5µA, 25µA, 250µA, 2.5mA, 25mA)
EXTFORCE1
DUT RANGE
–2V TO +3V
EXTFORCE2
DUT RANGE
0V TO +6V
ALLOW ±0.5V
FOR EXT RSENSE
OUTPUT RANGE
–2.5V TO +3.5V
2. HIGHEST CURRENT
RANGE
1. LOW CURRENT,
HIGH VOLTAGE
3. MIDCURRENT
RANGE
OUTPUT RANGE
–0.2V TO +6.5V
ALLOW ±0.5V FOR EXT RSENSE
10µF
0.1µF
10µF
0.1µF
HCAVDD2 = +9V
HCAVSS2 = –5V
HCAVDD1 = +6V
HCAVSS1 = –5V
10µF
0.1µF
10µF
0.1µF
AVDD = +28V
AVSS = –5V
10µF
0.1µF
DVCC = 3V/5V
0.1µF
10µF
0.1µF
33kΩ
100kΩ
100kΩ
Figure 60. Example of Using the Extra Supply Rails Within the AD5560 to Achieve Multiple Voltage/Current Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com