Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 24Page - Analog Devices AD5560JBCZ Datasheet HTML 25Page - Analog Devices AD5560JBCZ Datasheet HTML 26Page - Analog Devices AD5560JBCZ Datasheet HTML 27Page - Analog Devices AD5560JBCZ Datasheet HTML 28Page - Analog Devices AD5560JBCZ Datasheet HTML 29Page - Analog Devices AD5560JBCZ Datasheet HTML 30Page - Analog Devices AD5560JBCZ Datasheet HTML 31Page - Analog Devices AD5560JBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 27 of 66
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
MV: GAIN 0
FOH
MI: GAIN 0
DVCC = +5.25V, AVDD = +16.5V, AVSS = –16.5V
Figure 50. ACPSRR of DVCC vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
MI: GAIN 0
FOH
DVCC = +5.25V, AVDD = +16.5V, AVSS = –16.5V
MV: GAIN 0
Figure 51. ACPSRR of HCAVDDx vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
MI: GAIN 0
DVCC = +5.25V, AVDD = +16.5V, AVSS = –16.5V
FOH
MV: GAIN 0
Figure 52. ACPSRR of HCAVSSx vs. Frequency
0
200
400
600
800
1000
1200
1400
1600
0.001
0.01
0.1
1
10
RLOAD (Ω)
CABLE L = 0µH, CLAMP AT 800mA
CABLE L = 1µH, CLAMP AT 800mA
CABLE L = 2µH, CLAMP AT 800mA
CABLE L = 0µH, CLAMP AT 1.2A
CABLE L = 2µH, CLAMP AT 1.2A
CABLE L = 0.2µH, CLAMP AT 1.2A
CABLE L = 1µH, CLAMP AT 1.2A
CABLE L = 0.2µH, CLAMP AT 800mA
CABLE L = 0µH, CLAMP AT 400mA
CABLE L = 0.2µH, CLAMP AT 400mA
CABLE L = 1µH, CLAMP AT 400mA
CABLE L = 2µH, CLAMP AT 400mA
CABLE L = 0µH, CLAMP AT 100mA
CABLE L = 0.2µH, CLAMP AT 100mA
CABLE L = 1µH, CLAMP AT 100mA
CABLE L = 2µH, CLAMP AT 100mA
Figure 53. ICLAMP Value vs. RLOAD – Cal at 1Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com