Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 8Page - Analog Devices AD5560JBCZ Datasheet HTML 9Page - Analog Devices AD5560JBCZ Datasheet HTML 10Page - Analog Devices AD5560JBCZ Datasheet HTML 11Page - Analog Devices AD5560JBCZ Datasheet HTML 12Page - Analog Devices AD5560JBCZ Datasheet HTML 13Page - Analog Devices AD5560JBCZ Datasheet HTML 14Page - Analog Devices AD5560JBCZ Datasheet HTML 15Page - Analog Devices AD5560JBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 11 of 66
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SPI INTERFACE LOGIC
Logic Inputs
Input High Voltage, VIH
1.7/2.0
V
(2.3 V to 2.7 V)/(2.7 V to 5.5 V) JEDEC-compliant
input levels
Input Low Voltage, VIL
0.7/0.8
V
(2.3 V to 2.7 V)/(2.7 V to 5.5 V) JEDEC-compliant
input levels
Input Current, IINH, IINL
−1
+1
µA
Input Capacitance, CIN1
10
pF
CMOS Logic Outputs
SDO, CPOL, CPOH, GPO, CPO
Output High Voltage, VOH
DVCC − 0.4
V
Output Low Voltage, VOL
0.4
V
IOL = 500 µA
Tristate Leakage Current
−1
+1
μA
SDO, CPOL, CPOH, CPO
Output Capacitance1
10
10
10
pF
SDO, CPOL, CPOH, CPO
Open-Drain Logic Outputs
BUSY, TMPALM, CLALM, KELALM
Output Low Voltage, VOL
0.4
V
IOL = 500 µA, CL = 50 pF, RPULLUP = 1 kΩ
Output Capacitance1
10
pF
POWER SUPPLIES
HCAVDD1x
4
28
V
|HCAVDDx – HCAVSSx| < 33 V, HCAVSSx ≥ AVSS,
HCAVDDx ≤ AVDD
HCAVSS1x
−25
−5
V
HCAVDD2x
4
28
V
|HCAVDDx – HCAVSSx| < 33 V, HCAVSSx ≥ AVSS,
HCAVDDx ≤ AVDD
HCAVSS2x
−25
−5
V
AVDD
8
28
V
|AVDD – AVSS| < 33 V
AVSS
−25
−5
V
DVCC
2.3
5.5
V
AIDD4
30
mA
All ranges
AISS4
−30
mA
All ranges
DICC
3
mA
AIDD4
27
mA
Channel inhibited/tristate, HW_INH or SW-INH low
AISS4
−27
mA
Channel inhibited/tristate, HW_INH or SW-INH low
HCAVDDx and HCAVSSx supply currents shown
are excluding load currents; however, for power
budget calculations, the supply currents here
are consumed by the load
HCAIDD1
20
mA
When enabled, excluding load conditions
HCAIDD1
0.5
mA
When disabled
HCAISS1
−20
mA
When enabled, excluding load condition
HCAISS1
−0.5
mA
When disabled
HCAIDD2
15
mA
When enabled, excluding load conditions
HCAIDD2
0.25
mA
When disabled
HCAISS2
−15
mA
When enabled, excluding load conditions
HCAISS2
−0.25
mA
When disabled
POWER-DOWN CURRENTS
Supply currents on power-up or during a
power-down condition
250
μA
−250
μA
250
μA
−250
μA
5
mA
−5
mA
3
mA
HCAIDD
HCAISS
HCAIDD
HCAISS
AIDD
AISS
DICC
Maximum Power Dissipation
EXTFORCE1
10
W
EXTFORCE2
5
W
Power-Up Overshoot1
5
%
Of programmed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com