Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 28Page - Analog Devices AD5560JBCZ Datasheet HTML 29Page - Analog Devices AD5560JBCZ Datasheet HTML 30Page - Analog Devices AD5560JBCZ Datasheet HTML 31Page - Analog Devices AD5560JBCZ Datasheet HTML 32Page - Analog Devices AD5560JBCZ Datasheet HTML 33Page - Analog Devices AD5560JBCZ Datasheet HTML 34Page - Analog Devices AD5560JBCZ Datasheet HTML 35Page - Analog Devices AD5560JBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 31 of 66
Although there are four compensation input pins and five feed-
forward capacitor inputs pins, all capacitor inputs may be used
only if the user intends to drive large variations of DUT load
capacitances. If the DUT load capacitance is known and does
not change for all combinations of voltage ranges and test
conditions, then it is possible only one set of CCx and CFx
capacitors may be required.
Table 8. Suggested Compensation Capacitor Selection
Capacitor
Value
C
C0
100 pF
C
C1
100 pF
C
C2
330 pF
C
C3
3.3 nF
C
F0
4.7 nF
C
F1
22 nF
C
F2
100 nF
C
F3
470 nF
C
F4
2.2 μF
The voltage range for the CCx and CFx pins is the same as the
voltage range expected on FORCE; therefore, choice of capa-
citors should take this into account. CFx capacitors can have
10% tolerance; this extra variation directly affects settling
times, especially when measuring current in the low current
ranges. Selection of CCx should be at ≤5% tolerance.
CURRENT RANGE SELECTION
Integrated thin film resistors minimize external components
and allow easy selection of current ranges from ±5 µA to
±25 mA. Using external current sense resistors, two higher
current ranges are possible: EXTFORCE1 can drive currents
up to ±1.2 A, while EXTFORCE2 is designed to drive currents
up to ±500 mA. The voltage drop across the selected sense resistor
is ±500 mV when full-scale current is flowing through it.
The measure current amplifier has two gain settings, 10 and
20. The two gain settings allow users to achieve the quoted/
specified current ranges with large or small voltage swings.
The gain of 20 setting is intended for use with a 5 V reference,
and the gain of 10 setting is for use with a 2.5 V reference. Both
combinations ensure the specified current ranges. Other
VREF/gain setting combinations should only be used to
achieve smaller current ranges. Attempting to achieve greater
current ranges than the specified ranges is outside the intended
operation of the AD5560. The maximum guaranteed voltage
across RSENSE is ±0.64 V (gain of 20) or ±0.7 V (gain of 10).
HIGH CURRENT RANGES
For currents in excess of 1200 mA, a gang mode is available
whereby multiple devices are ganged together to achieve higher
currents. In gang mode, the loop is controlled by the master
AD5560. This loop drives a maximum capacitance of 160 µF for
this mode. There are two methods of ganging channels together;
these are described in the Master and Slaves in Force Voltage
(FV) Mode section and the Master in FV Mode, Slaves in Force
Current (FI) Mode section.
Master and Slaves in Force Voltage (FV) Mode
All devices are placed in force voltage (FV) mode. One device
acts as the master device and the other devices act as slaves. By
connecting in this manner, any device can be configured as the
master. Here, the MASTER_OUT pin of the master device is
connected to the output of the force amplifier, and it feeds the
inputs of each slave force amplifier (via the SLAVE_IN pin ).
All devices are connected externally to the DUT. For current
to be shared equally, there must be good matching between
each of the paths to the DUT. Settings for DPS Register 2 are
master = 0x0000, slave = 0x0400. Clamps should be disabled in
the slave devices.
EXTMEASIL
SENSE
MASTER DPS
EXTMEASIH1
SW5-a
FIN
DAC
×1
SW5-a
SW16
RSENSE
LOCAL
FEEDBACK
SW5-b
SW6
MASTER OUT
EXTFORCE1
EXTFORCE2
SLAVE IN
DUT
DUTGND
EXTMEASIL
SENSE
SLAVE DPS 1
EXTMEASIH1
SW5-a
FIN
DAC
×1
×20
OR
×W
×20
OR
×W
×20
OR
×W
SW5-a
SW16
LOCAL
FEEDBACK
SW5-b
SW6
MASTER OUT
EXTFORCE1
EXTFORCE2
SLAVE IN
EXTMEASIL
SENSE
SLAVE DPS 2
EXTMEASIH1
SW5-a
FIN
DAC
ISENSE
AMP
VSENSE
AMP
ISENSE
AMP
VSENSE
AMP
ISENSE
AMP
VSENSE
AMP
×1
SW5-a
SW16
LOCAL
FEEDBACK
SW5-b
SW6
MASTER OUT
EXTFORCE1
EXTFORCE2
SLAVE IN
Figure 54. Simplified Block Diagram of High Current Ganging Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com