Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 44Page - Analog Devices AD5560JBCZ Datasheet HTML 45Page - Analog Devices AD5560JBCZ Datasheet HTML 46Page - Analog Devices AD5560JBCZ Datasheet HTML 47Page - Analog Devices AD5560JBCZ Datasheet HTML 48Page - Analog Devices AD5560JBCZ Datasheet HTML 49Page - Analog Devices AD5560JBCZ Datasheet HTML 50Page - Analog Devices AD5560JBCZ Datasheet HTML 51Page - Analog Devices AD5560JBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 47 of 66
CONTROL REGISTERS
DPS AND DAC ADDRESSING
The serial word assignment consists of 24 bits, as shown in
Table 16. All write-to registers can be read back. There are
some read-only registers (Address 0x43 and Address 0x44).
DAC x2 registers are not available for readback.
A no operation (NOP) command performs no function within
the device. This code may be useful when performing a
readback function where a change of DAC or DPS register is
not required.
Table 16. Serial Word Assignment
B23
[B22:B16]
[B15:B0]
R/W
Address bits
Data bits
Table 17. Read or Write Register Addressing
Address
Register
Default
Data Bits, MSB First
0x0
NOP
0x0000
NOP command; performs no operation.
0x1
System
control
register
0x0000
Bit
Name
Function
15
14
TMP[1:0]
Thermal shutdown bits. TMP1, TMP0 allow the user to program the thermal
shutdown temperature of operation.
TMP
Action
0
Shutdown at a T
J of 130°C (power-on default)
1
Shutdown at a T
J of 120°C
2
Shutdown at a T
J of 110°C
3
Shutdown at a T
J of 100°C
13
12
Gain[1:0]
MEASOUT output range. The MEASOUT range defaults to the voltage force span for
voltage and current measurements (this is ±12.81 V), which includes some overrange
to allow for error correction. The MEASOUT range can be reduced by using the gain
bits. This allows for use of asymmetrical supplies or for use of a smaller input range ADC.
MEASOUT gain settings do not translate the low voltage temperature sensor signal
(TSENSE).
Gain
MEASOUT Gain
MI Gain
0
1
20
1
1
10
2
0.2
20
3
0.2
10
To allow for system error correction, there is an additional gain of 0.125 for the force
function if this error correction is used as intended; then the output range on
MEASOUT scales accordingly (see Table 9).
11
FINGND
Writing a 1 to FINGND switches the positive input of the force amplifier to GND; when
0, the input of the force amplifier is connected to the output of the force DAC.
10
CPO
Write a 1 to the CPO bit to enable a simple window comparator function. In this
mode, only one comparator output is available (CPOH/CPO). This provides two bits of
information. The compared value is either inside or outside the window and enables
the user to bring only one line back to the controller per DPS device.
9
PD
This bit powers down the force amplifier block. Note that the amplifier must be
powered up but inhibited (SW-INH or HW_INH), to meet leakage specifications. A 0
powers this block down (default).
8
7
LOAD
Updates to registers listed in the following LOAD function column do not occur until
the active LOAD pin is brought low (or in the case of LOAD 3, until BUSY goes high).
LOAD
LOAD Function
0
Default operation, CLEN and HW_INH function normally.
1
The CLEN pin is a LOAD input.
2
The HW_INH pin is a LOAD input.
3
The device senses the BUSY open-drain pin and doesn't update until that
goes high. No LOAD hardware pin. CLEN and HW_INH function normally.
6:0
Unused
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com