Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 18Page - Analog Devices AD5560JBCZ Datasheet HTML 19Page - Analog Devices AD5560JBCZ Datasheet HTML 20Page - Analog Devices AD5560JBCZ Datasheet HTML 21Page - Analog Devices AD5560JBCZ Datasheet HTML 22Page - Analog Devices AD5560JBCZ Datasheet HTML 23Page - Analog Devices AD5560JBCZ Datasheet HTML 24Page - Analog Devices AD5560JBCZ Datasheet HTML 25Page - Analog Devices AD5560JBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 21 of 66
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
HIGH SUPPLIES
NOMINAL SUPPLIES
HIGH: AVDD = 28V, AVSS = –5V, OFFSET DAC = 0xD1D
LOW: AVDD = 5V, AVSS = –25V OFFSET DAC = 0xD4EB
NOM: AVDD/AVSS = ±16.25V, OFFSET DAC = 0x8000
VREF = 5V
±25mA RANGE
LOW SUPPLIES
–0.0500
0.0500
–0.0375
–0.0250
–0.0125
0.0125
0
0.0250
0.0375
Figure 14. Measure Current Linearity vs. Code (MEASOUT Gain = 0.2,
MI Gain = 20)
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
HIGH SUPPLIES
HIGH: AVDD = 28V, AVSS = –5V, OFFSET DAC = 0xD1D
LOW : AVDD = 5V, AVSS = –25V OFFSET DAC = 0xD4EB
NOM : AVDD/AVSS = ±16.25V, OFFSET DAC = 0x8000
VREF = 5V ±25mA RANGE
LOW SUPPLIES
NOMINAL SUPPLIES
–0.100
0.100
–0.075
–0.050
–0.025
0.025
0
0.050
0.075
Figure 15. Measure Current Linearity vs. Code (MEASOUT Gain = 0.2,
MI Gain = 10)
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
–0.0100
0.0100
–0.0075
–0.0050
–0.0025
0.0025
0
0.0050
0.0075
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
MI GAIN = 20
MEASOUT GAIN = 1
25mA RANGE
25µA RANGE
2.5mA
Figure 16. Measure Current Linearity vs. IRANGE (MEASOUT Gain = 1,
MI Gain = 20)
CODE
0
10,000
20,000
30,000
40,000
50,000
60,000
–0.0500
0.0500
–0.0375
–0.0250
–0.0125
0.0125
0
0.0250
0.0375
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
MI GAIN = 20
MEASOUT GAIN = 0.2
25mA RANGE
25µA RANGE
2.5mA
Figure 17. Measure Current Linearity vs. IRANGE (MEASOUT Gain = 0.2,
MI Gain = 20)
STRESS VOLTAGE (V)
TJ = 25°C
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–10
5
0
5
10
EXTFORCE1A
EXTFORCE2B
FORCE
EXTFORCE1B
EXTMEASIH1
SENSE
EXTFORCE1C
EXTMEASIH2
SYS_FORCE
EXTFORCE2A
EXTMEASIL
SYS_SENSE
COMBINED LEAKAGE
Figure 18. Leakage Current vs. Stress Voltage (Force and Combined Leakage)
0
1
2
3
4
5
6
7
EXTFORCE1A
EXTFORCE2B
FORCE
EXTFORCE1B
EXTMEASIH1
SENSE
EXTFORCE1C
EXTMEASIH2
SYS_FORCE
EXTFORCE2A
EXTMEASIL
SYS_SENSE
COMBINED LEAKAGE
VSTRESS = 9V
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
Figure 19. Leakage Current vs. Temperature (Force and Combined Leakage),
VSTRESS = 9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com