Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 4Page - Analog Devices AD5560JBCZ Datasheet HTML 5Page - Analog Devices AD5560JBCZ Datasheet HTML 6Page - Analog Devices AD5560JBCZ Datasheet HTML 7Page - Analog Devices AD5560JBCZ Datasheet HTML 8Page - Analog Devices AD5560JBCZ Datasheet HTML 9Page - Analog Devices AD5560JBCZ Datasheet HTML 10Page - Analog Devices AD5560JBCZ Datasheet HTML 11Page - Analog Devices AD5560JBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 7 of 66
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MEASOUT Gain = 0.2
Linearity Error
−5.5
+5.5
mV
Referred to MV input, nominal supply (±16.5 V,
0x8000 offset DAC)
−9
+24
mV
Referred to MV input, low supply (−25 V/+8 V,
0xD4EB offset DAC)
−4
+13
mV
Referred to MV input, high supply (−5 V/+28 V,
0xD1D offset DAC)
Offset Error
−30
+20
mV
Referred to MV output
Offset Error Tempco1
10
µV/°C
Standard deviation = 12 µV/°C, referred to MV
output
NSD1
50
nV/√Hz
At 1 kHz, at MEASOUT, inputs grounded
COMBINED LEAKAGE
Includes SYS_SENSE, SYS_FORCE, EXTFORCE1,
EXTFORCE2, EXTMEASIH1, EXTMEASIH2,
EXTMEASIL, FORCE, and SENSE; measured with
PD = 1, SW-INH = 0 (power up and tristate)
Leakage Current
−37.5
+37.5
nA
−30
+30
nA
TJ = 25°C to 70°C
Leakage Current Tempco1
±0.1
±0.4
nA/°C
SENSE INPUT
Leakage Current
−2.5
+2.5
nA
Measured with PD = 1, SW-INH = 0 (power-up
and tristate)
Leakage Current Tempco1
±0.01
nA/°C
Pin Capacitance1
10
pF
EXTMEASIH1, EXTMEASIH2, EXTMEASIL
Leakage Current
−2.5
+2.5
nA
Measured with PD = 1, SW-INH = 0 (power-up
and tristate)
Leakage Current Tempco1
±0.01
nA/°C
Pin Capacitance1
5
pF
FORCE OUTPUT, FORCE
Maximum Current Drive1
−30
+30
mA
Leakage Current
−10
+10
nA
Measured with PD = 1, SW-INH = 0 (power-up
and tristate)
Leakage Current Tempco1
±0.03
nA/°C
Pin Capacitance1
120
pF
EXTFORCE1 OUTPUTS
Maximum Current Drive1
−1200
+1200
mA
Set with external sense resistor, limited by
headroom and power dissipation
Leakage Current
−7.5
+7.5
nA
Measured with PD = 1, SW-INH = 0 (power-up
and tristate)
Leakage Current Tempco1
±0.03
±0.06
nA/°C
Pin Capacitance1
275
pF
EXTFORCE2 OUTPUTS
Maximum Current Drive1
−500
+500
mA
Set with external sense resistor, limited by
headroom and power dissipation
Leakage Current
−5
+5
nA
Measured with PD = 1, SW-INH = 0 (power-up
and tristate)
Leakage Current Tempco1
±0.02
±0.05
nA/°C
Pin Capacitance1
100
pF
SYS_SENSE
Voltage Range
AVSS
AVDD
V
Leakage Current
−2.5
+2.5
nA
SYS_SENSE high-Z, force amplifier inhibited
Leakage Current Tempco1
±0.005
±0.025
nA/°C
Path On Resistance
280
Ω
AVDD = 16.5 V, AVSS = −16.5 V
Pin Capacitance1
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com