Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 11Page - Analog Devices AD5560JBCZ Datasheet HTML 12Page - Analog Devices AD5560JBCZ Datasheet HTML 13Page - Analog Devices AD5560JBCZ Datasheet HTML 14Page - Analog Devices AD5560JBCZ Datasheet HTML 15Page - Analog Devices AD5560JBCZ Datasheet HTML 16Page - Analog Devices AD5560JBCZ Datasheet HTML 17Page - Analog Devices AD5560JBCZ Datasheet HTML 18Page - Analog Devices AD5560JBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 14 of 66
SYNC
SCLK
SDI
BUSY
RESET
1
2
t3
t2
24
t4
t6
t1
t7
t8
t9
DB23
DB0
t10
t11
t12
BUSY
t5
1LOAD ACTIVE DURING BUSY.
2LOAD ACTIVE AFTER BUSY.
3LOAD FUNCTION IS AVAILABLE VIA CLEN OR HW_INH AS DETERMINED BY DPS REGISTER 2.
LOAD1,3
FORCE
EXTFORCE1
EXTFORCE21
FORCE
EXTFORCE1
EXTFORCE22,3
LOAD2,3
t16
t17
t18
t16
t19
Figure 4. SPI Write Timing
SCLK
SYNC
SDI
SDO
24
48
D0B
DB23
DB0
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
NOP CONDITION
SELECTED REGISTER DATA
CLOCKED OUT
t13
t14
t15
DB23
DB23
Figure 5. SPI Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com