Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 10Page - Analog Devices AD5560JBCZ Datasheet HTML 11Page - Analog Devices AD5560JBCZ Datasheet HTML 12Page - Analog Devices AD5560JBCZ Datasheet HTML 13Page - Analog Devices AD5560JBCZ Datasheet HTML 14Page - Analog Devices AD5560JBCZ Datasheet HTML 15Page - Analog Devices AD5560JBCZ Datasheet HTML 16Page - Analog Devices AD5560JBCZ Datasheet HTML 17Page - Analog Devices AD5560JBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 13 of 66
TIMING CHARACTERISTICS
HCAVDDx ≤ AVSS + 33 V, HCAVSSx ≥ AVSS, AVDD ≥ 8 V, AVSS ≤ −5 V, |AVDD − AVSS| ≥ 16 V and ≤ 33 V, VREF = 5 V (TJ = 25°C to 90°C,
maximum specifications, unless otherwise noted).
Table 2. SPI Interface
Parameter1, 2, 3
DV
CC = 2.3 V
to 2.7 V
DV
CC = 2.7 V
to 3.3 V
DV
CC = 4.5 V
to 5.5 V
Unit
Description
t
UPDATE
600
600
600
ns max
Channel update cycle time
t
1
25
20
20
ns min
SCLK cycle time; 60/40 duty cycle
t
2
10
8
8
ns min
SCLK high time
t
3
10
8
8
ns min
SCLK low time
t
4
10
10
10
ns min
SYNC falling edge to SCLK falling edge setup time
t
5
15
15
15
ns min
Minimum SYNC high time
t
6
5
5
5
ns min
24th SCLK falling edge to SYNC rising edge
t
7
5
5
5
ns min
Data setup time
t
8
4.5
4.5
4.5
ns min
Data hold time
t
9
4
40
35
30
ns max
SYNC rising edge to BUSY falling edge
t
10
1.5
1.5
1.5
μs max
BUSY pulse width low for DAC x1 write
280
280
280
ns max
BUSY pulse width low for other register write
t
11
25
20
10
ns min
RESET pulse width low
t
12
400
400
400
µs max
RESET time indicated by BUSY low
t
13
250
250
250
ns min
Minimum SYNC high time in readback mode
t
14
5, 6
45
35
25
ns max
SCLK rising edge to SDO valid
t
15
30
30
30
ns max
SYNC rising edge to SDO high-Z
LOAD TIMING
t
16
20
20
20
ns min
LOAD pulse width low
t
17
150
150
150
ns min
BUSY rising edge to force output response time
t
18
0
0
0
ns min
BUSY rising edge to LOAD falling edge
t
19
150
150
150
ns min
LOAD rising edge to FORCE output response time
150
150
150
ns min
LOAD rising edge to current range response
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with t
R = tF = 2 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 4 and Figure 5.
4 This is measured with the load circuit shown in Figure 2.
5 This is measured with the load circuit shown in Figure 3.
6 Longer SCLK cycle time is required for correct operation of readback mode; consult timing diagrams and timing specifications.
TIMING DIAGRAMS
TO OUTPUT
PIN
DVCC
RLOAD
2.2kΩ
CLOAD
50pF
VOL
Figure 2. Load Circuit for Open Drain
VOH (MIN) – VOL (MAX)
2
200µA
IOL
200µA
IOL
TO OUTPUT
PIN
CLOAD
50pF
Figure 3. Load Circuit for CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com