Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD5560JBCZ Datasheet HTML 1Page - Analog Devices AD5560JBCZ Datasheet HTML 2Page - Analog Devices AD5560JBCZ Datasheet HTML 3Page - Analog Devices AD5560JBCZ Datasheet HTML 4Page - Analog Devices AD5560JBCZ Datasheet HTML 5Page - Analog Devices AD5560JBCZ Datasheet HTML 6Page - Analog Devices AD5560JBCZ Datasheet HTML 7Page - Analog Devices AD5560JBCZ Datasheet HTML 8Page - Analog Devices AD5560JBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1.2 A Programmable Device Power Supply
with Integrated 16-Bit Level Setting DACs
Data Sheet
AD5560
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Programmable device power supply (DPS)
FV, MI, MV, FNMV functions
5 internal current ranges (on-chip R
SENSE)
±5 µA, ±25 µA, ±250 µA, ±2.5 mA, ±25 mA
2 external high current ranges (external R
SENSE)
EXTFORCE1: ±1.2 A maximum
EXTFORCE2: ±500 mA maximum
Integrated programmable levels
All 16-bit DACs: force DAC, comparator DACs, clamp DACs,
offset DAC, OSD DAC, DGS DAC
Programmable Kelvin clamp and alarm
Offset and gain correction registers on-chip
Ramp mode on force DAC for power supply slewing
Programmable slew rate feature, 1 V/μs to 0.3 V/μs
DUTGND Kelvin sense and alarm
25 V FV span with asymmetrical operation within −22 V/+25 V
On-chip comparators
Gangable for higher current
Guard amplifier
System PMU connections
Current clamps
Die temperature sensor and shutdown feature
On-chip diode thermal array
Diagnostic register allows access to internal nodes
Open-drain alarm flags (temperature, current clamp, Kelvin
alarm)
SPI-/MICROWIRE-/DSP-compatible interface
64-lead (10 mm × 10 mm) TQFP with exposed pad (on top)
72-ball (8 mm × 8 mm) flip-chip BGA
APPLICATIONS
Automatic test equipment (ATE)
Device power supply
GENERAL DESCRIPTION
The AD5560 is a high performance, highly integrated device
power supply consisting of programmable force voltages and
measure ranges. This part includes the required DAC levels to
set the programmable inputs for the drive amplifier, as well as
clamping and comparator circuitry. Offset and gain correction
is included on-chip for DAC functions. A number of program-
mable measure current ranges are available: five internal fixed
ranges and two external customer-selectable ranges (EXTFORCE1
and EXTFORCE2) that can supply currents up to ±1.2 A and
±500 mA, respectively. The voltage range possible at this high
current level is limited by headroom and the maximum power
dissipation. Current ranges in excess of ±1.2 A or at high
current and high voltage combinations can be achieved by
paralleling or ganging multiple DPS devices. Open-drain
alarm outputs are provided in the event of overcurrent,
overtemperature, or Kelvin alarm on either the SENSE or
DUTGND line.
The DPS functions are controlled via a simple 3-wire serial
interface compatible with SPI, QSPI™, MICROWIRE™, and DSP
interface standards running at clock speeds of up to 50 MHz.


Similar Part No. - AD5560JBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5560JBCZ AD-AD5560JBCZ Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
AD5560JBCZ-REEL AD-AD5560JBCZ-REEL Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
More results

Similar Description - AD5560JBCZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556AC ELANTEC-EL7556AC Datasheet
248Kb / 13P
Programmable CPU Power Supply Unit
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
Analog Devices
AD5560 AD-AD5560 Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
AD5560JSVUZ AD-AD5560JSVUZ Datasheet
1Mb / 68P
1.2 A Programmable Device Power Supply
REV. D
logo
Good Will Instrument Co...
PSS-2005 GWINSTEK-PSS-2005 Datasheet
159Kb / 1P
PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Schneider Electric
ABLM1A24012 SCHNEIDER-ABLM1A24012 Datasheet
318Kb / 10P
Regulated Power Supply, 100-240V AC, 24V 1.2 A, single phase, Modular
Jun 3, 2021
ABLM1A24012 SCHNEIDER-ABLM1A24012_V01 Datasheet
335Kb / 11P
Regulated Power Supply, 100-240V AC, 24V 1.2 A, single phase, Modular
Mar 23, 2022
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
ITECH ELECTRONIC CO.,LT...
IT7300 ITECH-IT7300 Datasheet
1Mb / 4P
IT7300 Programmable AC Power Supply
logo
COTEK ELECTRONIC IND. C...
AD-1500-LV COTEK-AD-1500-LV Datasheet
1Mb / 6P
1500W Programmable Digital Power Supply
2022.04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com