Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 43Page - Analog Devices AD5560JBCZ Datasheet HTML 44Page - Analog Devices AD5560JBCZ Datasheet HTML 45Page - Analog Devices AD5560JBCZ Datasheet HTML 46Page - Analog Devices AD5560JBCZ Datasheet HTML 47Page - Analog Devices AD5560JBCZ Datasheet HTML 48Page - Analog Devices AD5560JBCZ Datasheet HTML 49Page - Analog Devices AD5560JBCZ Datasheet HTML 50Page - Analog Devices AD5560JBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
AD5560
Data Sheet
Rev. E | Page 46 of 66
If Bits[8:7] of the system control register (Address 0x1) are
high, then the CLEN and HW_INH operate as normal, and the
update waits until BUSY goes high (this way multiple channels
can still be synchronized by simply tying BUSY pins together).
REGISTER UPDATE RATES
As mentioned previously, the value of the x2 register is
calculated each time the user writes new data to the
corresponding x1 register. The calculation is performed by a
three stage process. The first two stages take 600 ns each, and
the third stage takes 300 ns. When the write to one of the x1
registers is complete, the calculation process begins. The user
is free to write to another register provided that the write
operation does not finish until the first stage calculation is
complete, that is, 600 ns after the completion of the first write
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com