Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 98Page - STMicroelectronics L9679P Datasheet HTML 99Page - STMicroelectronics L9679P Datasheet HTML 100Page - STMicroelectronics L9679P Datasheet HTML 101Page - STMicroelectronics L9679P Datasheet HTML 102Page - STMicroelectronics L9679P Datasheet HTML 103Page - STMicroelectronics L9679P Datasheet HTML 104Page - STMicroelectronics L9679P Datasheet HTML 105Page - STMicroelectronics L9679P Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 272 page
background image
SPI interfaces
L9679P
102/272
DocID029275 Rev 1
01 = ON 40 mA/ 8 mA current for channel selected in
RES_MEAS_CHSEL, OFF on all other channels
10 = ON bypass current for channel selected in RES_MEAS_CHSEL,
OFF ON all other channels
11 = ON ISRC 40mA or 8mA current for channel selected in
RES_MEAS_CHSEL and connect the SRM Differential Amplifier to
the other squib channel of the selected channel pair
ISINK
0
0
0 Low Side current sink control (max 50 mA)
Updated by SSM_RESET or SPI write
0 All channels OFF
1 ON for channel selected by RES_MEAS_CHSEL[3:0], OFF on all other
channels
VRCM[1:0]
00
00
00 Voltage Regulator Current Monitor control
Updated by SSM_RESET or SPI write
00 VRCM not connected
01 VRCM connected to SFx of channel selected by LEAK_CHSEL[3:0]
10 VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0]
and pull down current of the same channel disabled
11 VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0]
and pull down current of the same channel enabled (ISINK and ISRC
must be switched off)
RES_MEAS_CHSEL[3:0] 0000 0000 0000 Squib Resistance Measurement Channel select - selects the channel and
muxes for the resistance test, and the channel for HS driver test (full path fet
test) activation
Updated by SSM_RESET or SPI write
0000 Channel 0
0001 Channel 1
0010 Channel 2
0011 Channel 3
0100 Channel 4
0101 Channel 5
0110 Channel 6
0111 Channel 7
0100 - 1111 None Selected
LEAK_CHSEL[3:0] 0000 0000 0000 Squib Leakage Measurement Channel select - selects the channel and
muxes for the leakage test, and the channel for HS/LS FET test activation.
Updated by SSM_RESET or SPI write
0000 Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com