Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 100Page - STMicroelectronics L9679P Datasheet HTML 101Page - STMicroelectronics L9679P Datasheet HTML 102Page - STMicroelectronics L9679P Datasheet HTML 103Page - STMicroelectronics L9679P Datasheet HTML 104Page - STMicroelectronics L9679P Datasheet HTML 105Page - STMicroelectronics L9679P Datasheet HTML 106Page - STMicroelectronics L9679P Datasheet HTML 107Page - STMicroelectronics L9679P Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 272 page
background image
SPI interfaces
L9679P
104/272
DocID029275 Rev 1
7.3.30
Loops diagnostic configuration command register for high level
diagnostic (LPDIAGREQ)
ID:
38
Type:
R/W
Read:
3800
Write:
0070
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
XX
X
X
X
X
X
MISO
0
000
00
0
0
0
0
0
DIAG_LEVEL 0
0
0 Diagnostic mode selector
00 N/A - see description above
11 high level mode
HIGH_LEVEL_DIAG_SEL 000 000 000 Selection of high level squib diagnostic
Updated by SSM_RESET or SPI write
000 No diagnostic selected
001 VRCM CHECK
010 Leakage CHECK
011 Short Between Loops CHECK
100 ER cap ESR measure
101 Squib resistance range CHECK
110 Squib resistance measurement
111 FET test
SQP 0
0
0 Squib pin select for all leakage diagnostic
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com