Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 103Page - STMicroelectronics L9679P Datasheet HTML 104Page - STMicroelectronics L9679P Datasheet HTML 105Page - STMicroelectronics L9679P Datasheet HTML 106Page - STMicroelectronics L9679P Datasheet HTML 107Page - STMicroelectronics L9679P Datasheet HTML 108Page - STMicroelectronics L9679P Datasheet HTML 109Page - STMicroelectronics L9679P Datasheet HTML 110Page - STMicroelectronics L9679P Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 272 page
background image
DocID029275 Rev 1
107/272
L9679P
SPI interfaces
271
7.3.32
ADC request and data registers (DIAGCTRL_x)
ADC A control command (DIAGCTRL_A)
ID:
3A
Type:
RW
Read:
3A00
Write:
0074
ADC B control command (DIAGCTRL_B)
ID:
3B
Type:
R/W
Read:
3B00
Write:
0076
ADC C control command (DIAGCTRL_C)
ID:
3C
Type:
R/W
Read:
3C00
Write:
0078
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
ADCREQ_A[6:0]
MISO
0
0
ADCREQ_A[6:0]
ADCRES_A[9:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
ADCREQ_B[6:0]
MISO
0
0
ADCREQ_B[6:0]
ADCRES_B[9:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
ADCREQ_C[6:0]
MISO
0
0
ADCREQ_C[6:0]
ADCRES_C[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com