Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 158 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 158 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 154Page - STMicroelectronics L9679P Datasheet HTML 155Page - STMicroelectronics L9679P Datasheet HTML 156Page - STMicroelectronics L9679P Datasheet HTML 157Page - STMicroelectronics L9679P Datasheet HTML 158Page - STMicroelectronics L9679P Datasheet HTML 159Page - STMicroelectronics L9679P Datasheet HTML 160Page - STMicroelectronics L9679P Datasheet HTML 161Page - STMicroelectronics L9679P Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 272 page
background image
Deployment drivers
L9679P
158/272
DocID029275 Rev 1
8.1.3
Deployment control flow
Deployment control logic requires the following conditions to be true to successfully operate
a deployment:
POR = 0
SSM to be either in Safing State or Arming State
a valid arming condition processed by safing logic or ARMx signals to be set
(depending on selection of internal or external safing engine)
channel-specific deploy command request bits to be set via SPI in the Deploy
command Register (DEPCOM)
a global deployment state has to be active, as described in the following figure.
Figure 31. Global SPI deployment enable state diagram
In case a multiple deployment request would be needed, i.e. deploying the same channel in
sequence, a toggle on DEP_DISABLED has to be performed and a new DEPCOM
command on the same channel has to be sent.
The SPI DEPCOM command is ignored if the device is in the DEP_DISABLED state and the
deploy command is not set. While in DEP_ENABLED state, the following functionalities that
could be active are forced to their reset state:
All squib and DC sensor diagnostic current or voltage sources
All squib, DC sensor and ADC diagnostic MUX settings, state machine, etc.
The SPI_LOCK and SPI_UNLOCK signals are available in the SPIDEPEN command:
High-side and Low-side enablers (ARMx) are assigned to the desired channels by means of
the programmable loop matrix. Deploy commands in the Deploy Command Register
(DEPCOM) are channel specific.
Deployment requires a valid arming condition from safing logic or ARMx signals to be set
any time before, during or after the specific sequence of deploy commands is received. It is
feasible for a deploy command to be received without a valid arming condition from safing
logic or the ARMx being set. In this case, the deploy command will be terminated according
to the Deploy command expiration timer. Likewise, a valid arming condition signal can be
set without receiving a Deploy Command. In this case, the enabling signals will remain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com