Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 161 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 161 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 157Page - STMicroelectronics L9679P Datasheet HTML 158Page - STMicroelectronics L9679P Datasheet HTML 159Page - STMicroelectronics L9679P Datasheet HTML 160Page - STMicroelectronics L9679P Datasheet HTML 161Page - STMicroelectronics L9679P Datasheet HTML 162Page - STMicroelectronics L9679P Datasheet HTML 163Page - STMicroelectronics L9679P Datasheet HTML 164Page - STMicroelectronics L9679P Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 272 page
background image
DocID029275 Rev 1
161/272
L9679P
Deployment drivers
271
8.5
Diagnostics
The L9679P provides the following diagnostic feedback for all deployment channels:
High voltage leakage test for oxide isolation check on SFx and SRx
Leakage to battery and ground on both SFx and SRx pins with or without a squib
Short between loops diagnostics
Squib resistance measurement with leakage cancellation and selectable range (10/50 Ω)
High squib resistance with range from 500 Ω to 2000 Ω
SSxy, SFx and VER voltage status
High and Low side FET diagnostics
High side driver diagnostics
Loss of ground return diagnostics
High Side Safing FET diagnostics
The above diagnostic results are processed through a 10 bit Analog to digital algorithmic
converter. These tests can be addressed in two different ways, with a high level approach or
a low-level one. The main difference between the two approaches is that with the low level
approach the user is allowed to precisely control the diagnostic circuitry, also deciding the
proper timings involved in the different tests. On the other hand, the high level approach is
an automatic way of getting diagnostic results for which an internal state machine is taking
care of instructions and timings.
The following is block diagram of the Squib Diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com