Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 182 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 182 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 178Page - STMicroelectronics L9679P Datasheet HTML 179Page - STMicroelectronics L9679P Datasheet HTML 180Page - STMicroelectronics L9679P Datasheet HTML 181Page - STMicroelectronics L9679P Datasheet HTML 182Page - STMicroelectronics L9679P Datasheet HTML 183Page - STMicroelectronics L9679P Datasheet HTML 184Page - STMicroelectronics L9679P Datasheet HTML 185Page - STMicroelectronics L9679P Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 272 page
background image
Watchdog timers
L9679P
182/272
DocID029275 Rev 1
10.1.2
Watchdog timer operation
While in the WD1_INITIAL state, watchdog service must begin or a SPI command with
WD1_TO_DIS=1 must be received within the first 500 ms. If the WD1 Timeout Disable bit is
set, the device can stay in the WD1_INITIAL state indefinitely without watchdog service.
To refresh WD1, the logic must receive a Watchdog Timer Register (WD1T) SPI command
containing the expected key value within the WD1 time window (WDTMIN+WDTDELTA). If
it is received too early, too late the WD1_ERROR signal will be asserted. The WD1_ERROR
will not be asserted in case a SPI command containing the Watchdog Timer Register
(WD1T) with an incorrect key value is received at any time relative to the window. This
allows the system software to repeatedly transmit the key value until it needs to change to
the correct key value. Upon reception of the correct key within the window, the logic will
reset the watchdog timer to create a new window.
The timer is cleared upon writing code 'A' and code 'B' (either in 'A' - 'B' or 'B' - 'A'
sequences) to the WD1CTL [1:0] bits, in the WD1T register. The watchdog timer value can
be read via the WD1T register.
Figure 45. Watchdog timer refresh diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com