Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 186 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 186 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 182Page - STMicroelectronics L9679P Datasheet HTML 183Page - STMicroelectronics L9679P Datasheet HTML 184Page - STMicroelectronics L9679P Datasheet HTML 185Page - STMicroelectronics L9679P Datasheet HTML 186Page - STMicroelectronics L9679P Datasheet HTML 187Page - STMicroelectronics L9679P Datasheet HTML 188Page - STMicroelectronics L9679P Datasheet HTML 189Page - STMicroelectronics L9679P Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 272 page
background image
DC sensor interface
L9679P
186/272
DocID029275 Rev 1
11
DC sensor interface
L9679P implements a circuitry able to interface with a variety of positioning sensors. The
sensors that can be connected to the device are Hall-effect, resistive or simple switches.
Range of measurements is:
Resistive sensor: 65 Ω
to 3 kΩ
Hall-effect sensor: 1 mA to 2 0 mA.
Within the above ranges, accuracy of ±15% is granted. A reduced accuracy is given in the
range 1 mA to 2 mA. Hall sensor and switch interface block diagram is shown below.
Figure 47. DC sensor interface block diagram
The global SPI contains several bits to control and configure the interface. The SWOEN bit
is used to enable the output voltage on DCSx pins. The channel to be activated can be
chosen by accordingly setting CHID bits. The interface activation is started and switched off
upon user SPI command. Alternatively it could be configured via the
SYS_CFG(EN_AUTO_SWITCH_OFF) bit to automatically switch off as soon as the
measurement is complete, in case of current or resistance measurements; this would help
preventing thermal conditions. The interface would not auto-switched off in case of voltage
measurement, instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com