Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 206 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 206 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 202Page - STMicroelectronics L9679P Datasheet HTML 203Page - STMicroelectronics L9679P Datasheet HTML 204Page - STMicroelectronics L9679P Datasheet HTML 205Page - STMicroelectronics L9679P Datasheet HTML 206Page - STMicroelectronics L9679P Datasheet HTML 207Page - STMicroelectronics L9679P Datasheet HTML 208Page - STMicroelectronics L9679P Datasheet HTML 209Page - STMicroelectronics L9679P Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 272 page
background image
Safing logic
L9679P
206/272
DocID029275 Rev 1
A specific waveform needs to be present on ACL input in order to instruct L9679P to arm all
deployment loops. L9679P is designed to support the Additional Communication Line (ACL)
aspect of the ISO-26021 standard, which requires an independent hardwired signal (ACL) to
implement the scrapping feature. The disposal signal may come from either the vehicle's
service connector, or the systems main microcontroller, depending on the end customer's
requirements.
The arming function monitors the disposal PWM input (ACL pin) for a command to arm all
loops for vehicle end-of-life airbag disposal. The disposal signal characteristic is shown in
Figure 64. To remain in Arming state, at least three cycles of the ACL signal must be
qualified (in addition to the periodic KEY value being received from the microcontroller). For
the device to qualify the periodic ACL signal, the period and duty cycle are checked. Two
consecutive cycles of invalid disposal signal are to be received to disqualify the ACL signal.
If the logic detects that the signal is incorrect or missing while in Scrap state, the device will
stay in Scrap state; would it happen in Arming state, it will transition to Scrap state
immediately.
Figure 64. Disposal PWM signal
The disposal PWM signal cycle time and on time parameters can be found in the electrical
parameters tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com