Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 204 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 204 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 200Page - STMicroelectronics L9679P Datasheet HTML 201Page - STMicroelectronics L9679P Datasheet HTML 202Page - STMicroelectronics L9679P Datasheet HTML 203Page - STMicroelectronics L9679P Datasheet HTML 204Page - STMicroelectronics L9679P Datasheet HTML 205Page - STMicroelectronics L9679P Datasheet HTML 206Page - STMicroelectronics L9679P Datasheet HTML 207Page - STMicroelectronics L9679P Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 272 page
background image
Safing logic
L9679P
204/272
DocID029275 Rev 1
Figure 61. Pulse stretch timer example
The Arming Enable Pulse Stretch Timer status is available in the AEPSTS register.
12.6
Additional communication line
The ACL pin is the Additional Communication Line input that provides a means of safely
activating the arming outputs (ARMx and VSF) for disposal of restraints devices at the end
of vehicle life.
The handshake sequence for activating the Arming outputs is illustrated in Figure 62. The
strategy involves generation of a seed value from within the L9679P device using a free-
running 8-bit counter running at fSCRAP_SEED rate, where it can be read by the
microcontroller. The microcontroller uses it to generate an 8-bit key value. When the seed
value is read (SPI SCRAP_SEED command), L9679P also freezes the seed value and
computes its own key, which is used for comparison to the key subsequently submitted by
the microcontroller. The key value is submitted by the microcontroller using the
SCRAP_KEY command, and successful reception of this command with a key value
matching the internally calculated key allows the successful completion of the first
handshake. After that, in case a second handshake (seed-key) completes successfully and
if a valid ACL is detected (as described below) the L9679P transitions from Scrap state to
Arming state. To remain in Arming state the microcontroller must periodically refresh
L9679P with the SCRAP_KEY command containing the correct key value in the data field of
the command, and L9679P must also receive the correct ACL signal. This must occur
before the scrap timeout timer expires (TSCRAP_TIMEOUT). The scrap key is derived from the
seed value using a simple logical inversion on the even-numbered bits (0, 2, 4, 6). From a
logical standpoint, this is equivalent to a bit-wise XOR of the seed value with 0x55.
While the SSM is in Arming state, the arming outputs are asserted (ARMx=1, VSF on). If the
periodic scrap key is incorrect, or not received before the timeout expires, or the ACL is not
correctly received, the SSM reverts back to the Scrap state, and the arming outputs are
deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com