Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 200 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 200 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 196Page - STMicroelectronics L9679P Datasheet HTML 197Page - STMicroelectronics L9679P Datasheet HTML 198Page - STMicroelectronics L9679P Datasheet HTML 199Page - STMicroelectronics L9679P Datasheet HTML 200Page - STMicroelectronics L9679P Datasheet HTML 201Page - STMicroelectronics L9679P Datasheet HTML 202Page - STMicroelectronics L9679P Datasheet HTML 203Page - STMicroelectronics L9679P Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 272 page
background image
Safing logic
L9679P
200/272
DocID029275 Rev 1
POS_COUNT and NEG_COUNT are not updated if microcontroller stops reading SAF_CC
bits (this must be avoided otherwise ARMING set and reset will not be possible).
By way of the assignment of the ADD_VAL, SUB_VAL, ARMP_TH and ARMN_TH settings,
the safing engine can be configured to assert arming for either a simple accumulation of
COUNTs in a non-consecutive manner, or it could be set to require some number of
consecutive samples.
12.5
Safing engine output logic (ARMxINT)
SPI messages are monitored and mapped to specific safing records. Each safing record is
configured with its own threshold, dwell time and the appropriate ARMxINT signal to
activate if safing criteria are met.
Any enabled safing record can be programmed to an arming signal. All safing records
arming status is logically ‘OR'd’ to its programmed arming signal. For example, if safing
records 1, 2, 4 are programmed to ARMINT1 and the records are enabled, any of the
records can set the ARMINT1 signal. Configuration of safing record mapping to ARMxINT
signals is specified in the in the SAF_CONTROL_x register (refer to Table 65).
While in Diag state, L9679P allows diagnostics of the squib driver HS and LS FETs, ARM
pins, VSF output and firing timers. The ARM and VSF output tests are mutually exclusive.
For safety purposes, the safing logic circuitry is physically separated from the circuitry that
contains the deployment logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com