Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 198 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 198 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 194Page - STMicroelectronics L9679P Datasheet HTML 195Page - STMicroelectronics L9679P Datasheet HTML 196Page - STMicroelectronics L9679P Datasheet HTML 197Page - STMicroelectronics L9679P Datasheet HTML 198Page - STMicroelectronics L9679P Datasheet HTML 199Page - STMicroelectronics L9679P Datasheet HTML 200Page - STMicroelectronics L9679P Datasheet HTML 201Page - STMicroelectronics L9679P Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 272 page
background image
Safing logic
L9679P
198/272
DocID029275 Rev 1
Comb (Combined Data) bit allows combining X and Y for off-axis oriented sensors. In this
case, it is typical for such orientations to add or subtract the sensor response to translate the
sensor signal to an on-axis response. Only couples of 16-bit long records have this feature
(i.e. 1&2, 3&4, 5&6, 7&8, 9&10, 11&12).
Records are added and subtracted and results compare against two thresholds. Safing
engine will process data as follows:
Use record(n) and record(n+1), where n = 1, 3, 5, 7, 9, 11.
The matching inputs used for math combinations are processed only after both are
captured.
The sum of the two matching inputs will be compared to the threshold of record(n).
The difference of the two records will be compared to the threshold of record(n+1).
If the Comb feature was enabled on only one of the two records in a couple, math
would be performed only on it as shown in Figure 54
Example of Combine Function operation:
All items in the safing records, except En(Record Enable) bit, can be configured only in Diag
state (refer to Figure 10). Additionally, the global bit to select internal or external safing
engine is set in Init state.
12.3
In-frame and out-of-frame responses
Some sensors will communicate data within the current communication frame while others
will send data on the next communication frame. Sometimes this is sensor specific and
sometimes this is due to the amount of data to be transmitted. A simplified diagram shows
the basic communication differences of in and out of frame responses.
In-frame example:
Table 15. Example of combine function operation
Record #
Combine
Bit
Data
Resulting value
Record
Threshold
ARMSELx
Configuration
ARMINTx
Result
Record 1
0
12
12
48
ARMP
0
Record 2
0
50
50
48
ARMP
1
Record 3
0
50
12
48
ARMP
0
Record 4
1
12
50 – 12 = 38
48
ARMP
0
Record 5
1
12
12 + 50 = 62
48
ARMP
1
Record 6
0
50
50
48
ARMP
1
Record 7
1
50
12 + 50 = 62
48
ARMP
1
Record 8
1
12
50 – 12 = 38
48
ARMP
0
Record 9
1
12
50 + 12 = 62
-24
ARMN
0
Record 10
1
50
12 – 50 = -38
-24
ARMN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com